Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C6670 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C6670
Description  Multicore Fixed and Floating-Point System-on-Chip
Download  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C6670 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMS320C6670 Datasheet HTML 19Page - Texas Instruments TMS320C6670 Datasheet HTML 20Page - Texas Instruments TMS320C6670 Datasheet HTML 21Page - Texas Instruments TMS320C6670 Datasheet HTML 22Page - Texas Instruments TMS320C6670 Datasheet HTML 23Page - Texas Instruments TMS320C6670 Datasheet HTML 24Page - Texas Instruments TMS320C6670 Datasheet HTML 25Page - Texas Instruments TMS320C6670 Datasheet HTML 26Page - Texas Instruments TMS320C6670 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 206 page
background image
Multicore Fixed and Floating-Point System-on-Chip
Copyright 2010 Texas Instruments Incorporated
Device Overview
23
SPRS689—November 2010
TMS320C6670
www.ti.com
027A 8400
027A FFFF
0 027A 8400
0 027A FFFF
31K
Reserved
027B 0000
027B FFFF
0 027B 0000
0 027B FFFF
64K
Reserved
027C 0000
027C FFFF
0 027C 0000
0 027C FFFF
64k
Reserved
027D 0000
027D 3FFF
0 027D 0000
0 027D 3FFF
16k
TI Embedded Trace Buffer (TETB) - Core 0
027D 4000
027D FFFF
0 027D 4000
0 027D FFFF
48k
Reserved
027E 0000
027E 3FFF
0 027E 0000
0 027E 3FFF
16k
TI Embedded Trace Buffer (TETB) - Core 1
027E 4000
027E FFFF
0 027E 4000
0 027E FFFF
48k
Reserved
027F 0000
027F 3FFF
0 027F 0000
0 027F 3FFF
16k
TI Embedded Trace Buffer (TETB) - Core 2
027F 4000
027F FFFF
0 027F 4000
0 027F FFFF
48k
Reserved
0280 0000
0280 3FFF
0 0280 0000
0 0280 3FFF
16k
TI Embedded Trace Buffer (TETB) - Core 3
0280 4000
0280 FFFF
0 0280 4000
0 0280 FFFF
48k
Reserved
0281 0000
0281 3FFF
0 0281 0000
0 0281 3FFF
16k
Reserved
0281 4000
0281 FFFF
0 0281 4000
0 0281 FFFF
48k
Reserved
0282 0000
0282 3FFF
0 0282 0000
0 0282 3FFF
16k
Reserved
0282 4000
0282 FFFF
0 0282 4000
0 0282 FFFF
48k
Reserved
0283 0000
0283 3FFF
0 0283 0000
0 0283 3FFF
16k
Reserved
0283 4000
0283 FFFF
0 0283 4000
0 0283 FFFF
48k
Reserved
0284 0000
0284 3FFF
0 0284 0000
0 0284 3FFF
16k
Reserved
0284 4000
0284 FFFF
0 0284 4000
0 0284 FFFF
48k
Reserved
0285 0000
0285 7FFF
0 0285 0000
0 0285 7FFF
32k
TI Embedded Trace Buffer (TETB) - System
0285 8000
0285 FFFF
0 0285 8000
0 0285 FFFF
32k
Reserved
0286 0000
028F FFFF
0 0286 0000
0 028F FFFF
640K
Reserved
0290 0000
0290 7FFF
0 0290 0000
0 0290 7FFF
32K
Serial RapidIO Configuration
0290 8000
029F FFFF
0 0290 8000
0 029F FFFF
1M-32k
Reserved
02A0 0000
02AF FFFF
0 02A0 0000
0 02AF FFFF
1M
Queue Manager Subsystem Configuration
02B0 0000
02BF FFFF
0 02B0 0000
0 02BF FFFF
1M
Reserved
02C0 0000
02FF FFFF
0 02C0 0000
0 02FF FFFF
4M
Reserved
03000 000
07FF FFFF
0 03000 000
0 07FF FFFF
80M
Reserved
0800 0000
0800 FFFF
0 0800 0000
0 0800 FFFF
64k
Extended Memory Controller (XMC) Configuration
0801 0000
0BBF FFFF
0 0801 0000
0 0BBF FFFF
60M-64k
Reserved
0BC0 0000
0BCF FFFF
0 0BC0 0000
0 0BCF FFFF
1M
Multicore Shared Memory Controller (MSMC) Config
0BD0 0000
0BFF FFFF
0 0BD0 0000
0 0BFF FFFF
3M
Reserved
0C00 0000
0C1F FFFF
0 0C00 0000
0 0C1F FFFF
2M
Multicore Shared Memory (MSM)
0C20 0000
0C3F FFFF
0 0C20 0000
0 0C3F FFFF
2M
Reserved
0C40 0000
0FFF FFFF
0 0C40 0000
0 0FFF FFFF
60 M
Reserved
1000 0000
107F FFFF
0 1000 0000
0 107F FFFF
8M
Reserved
1080 0000
108F FFFF
0 1080 0000
0 108F FFFF
1M
Core 0 L2 SRAM
1090 0000
10DF FFFF
0 1090 0000
0 10DF FFFF
5M
Reserved
10E0 0000
10E0 7FFF
0 10E0 0000
0 10E0 7FFF
32k
Core 0 L1P SRAM
10E0 8000
10EF FFFF
0 10E0 8000
0 10EF FFFF
1M-32K
Reserved
10F0 0000
10F0 7FFF
0 10F0 0000
0 10F0 7FFF
32k
Core 0 L1D SRAM
10F0 8000
117F FFFF
0 10F0 8000
0 117F FFFF
9M-32k
Reserved
1180 0000
118F FFFF
0 1180 0000
0 118F FFFF
1M
Core 1 L2 SRAM
Table 2-2
TMS320C6670 Memory Map Summary (Part 6 of 9)
Logical 32 bit Address
Physical 36 bit Address
Bytes
Description
Start
End
Start
End


Similar Part No. - TMS320C6670

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6670 TI-TMS320C6670 Datasheet
2Mb / 226P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
TMS320C6670ACYP2 TI-TMS320C6670ACYP2 Datasheet
2Mb / 226P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
TMS320C6670ACYPA TI-TMS320C6670ACYPA Datasheet
2Mb / 226P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
TMS320C6670ACYPA2 TI-TMS320C6670ACYPA2 Datasheet
2Mb / 226P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
TMS320C6670AXCYP TI-TMS320C6670AXCYP Datasheet
2Mb / 226P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
More results

Similar Description - TMS320C6670

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6670AXCYPA2 TI-TMS320C6670AXCYPA2 Datasheet
2Mb / 226P
[Old version datasheet]   Multicore Fixed and Floating-Point System-on-Chip
TMS320TCI6602 TI1-TMS320TCI6602 Datasheet
2Mb / 201P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
SM320C6678-HIREL TI-SM320C6678-HIREL_15 Datasheet
1Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674_15 Datasheet
1Mb / 238P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320TCI6608 TI1-TMS320TCI6608_14 Datasheet
2Mb / 244P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678 Datasheet
2Mb / 259P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6672 TI1-TMS320C6672 Datasheet
2Mb / 228P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI-TMS320C6678_15 Datasheet
1Mb / 248P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6678 TI1-TMS320C6678_14 Datasheet
2Mb / 249P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
TMS320C6674 TI-TMS320C6674 Datasheet
2Mb / 253P
[Old version datasheet]   Multicore Fixed and Floating-Point Digital Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com