Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N4759A-G Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # 1N4759A-G
Description  SILICON ZENER DIODE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

1N4759A-G Datasheet(HTML) 1 Page - Pan Jit International Inc.

  1N4759A-G Datasheet HTML 1Page - Pan Jit International Inc. 1N4759A-G Datasheet HTML 2Page - Pan Jit International Inc. 1N4759A-G Datasheet HTML 3Page - Pan Jit International Inc. 1N4759A-G Datasheet HTML 4Page - Pan Jit International Inc. 1N4759A-G Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
REV.0.3-MAR.12.2010
1N4728A-G~1N4764A-G
FEATURES
• Low profile package
• Built-in strain relief
• Low inductance
• High temperature soldering : 260°C /10 seconds at terminals
• Glass package has Underwriters Laboratory Flammability Classification
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: Molded Glass DO-41G
• Terminals: Axial leads, solderable per MIL-STD-750, Method 2026
guaranteed
• Polarity: Color band denotes positive end
• Mounting position:Any
• Weight: 0.012 ounce, 0.317 gram
SILICON ZENER DIODE
3.3 to 100 Volts
1.0 Watts
POWER
VOLTAGE
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S
e
u
l
a
Vs
t
i
n
U
5
2
=
b
m
a
T
t
a
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
O C
PTOT
*
1W
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
TJ
0
0
2
+
o
t
5
6
-
O C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
TSTG
0
0
2
+
o
t
5
6
-
O C
.
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
a
t
a
t
p
e
k
e
r
a
e
s
a
c
m
o
r
f
m
m
0
1
f
o
e
c
n
a
t
s
i
d
a
t
a
s
d
a
e
l
t
a
h
t
d
e
d
i
v
o
r
p
d
il
a
V
*
r
e
t
e
m
a
r
a
Pl
o
b
m
y
S.
n
i
M.
p
y
T
.
x
a
Ms
t
i
n
U
r
i
A
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
Rθ
A
J
-
-
-
-
*
0
7
1W
/
K
I
t
a
e
g
a
t
l
o
V
d
r
a
w
r
o
F
F
A
m
0
0
2
=
V
F
-
-
-
-
2
.
1V
.
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
b
m
a
t
a
t
p
e
k
e
r
a
e
s
a
c
m
o
r
f
m
m
0
1
f
o
e
c
n
a
t
s
i
d
a
t
a
s
d
a
e
l
t
a
h
t
d
e
d
i
v
o
r
p
d
il
a
V
*
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified.


Similar Part No. - 1N4759A-G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4759A-G PANJIT-1N4759A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
logo
Comchip Technology
1N4759A-G COMCHIP-1N4759A-G Datasheet
125Kb / 6P
   Glass passivated chip.
More results

Similar Description - 1N4759A-G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
1N4736A PANJIT-1N4736A_09 Datasheet
360Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4832 NJSEMI-1N4832 Datasheet
77Kb / 1P
   SILICON ZENER DIODE
logo
Seme LAB
1N4109D2A SEME-LAB-1N4109D2A Datasheet
195Kb / 3P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N5930 NJSEMI-1N5930 Datasheet
67Kb / 1P
   SILICON ZENER DIODE
logo
Pan Jit International I...
1N4728A-G PANJIT-1N4728A-G Datasheet
399Kb / 5P
   SILICON ZENER DIODE
logo
New Jersey Semi-Conduct...
1N4833 NJSEMI-1N4833 Datasheet
76Kb / 1P
   SILICON ZENER DIODE
logo
EIC discrete Semiconduc...
1N4954 EIC-1N4954 Datasheet
131Kb / 2P
   SILICON ZENER DIODE
logo
KEC(Korea Electronics)
SMAZ3.6V-36V KEC-SMAZ3.6V-36V Datasheet
365Kb / 3P
   ZENER DIODE SILICON PLANAR DIODE
logo
Semtech Corporation
2.2HC SEMTECH-2.2HC Datasheet
239Kb / 4P
   SILICON PLANAR ZENER DIODE
logo
M/A-COM Technology Solu...
1N957BUR-1 MA-COM-1N957BUR-1 Datasheet
709Kb / 5P
   Silicon Zener Diode Series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com