Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61199 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61199
Description  White LED Driver for LCD Monitors Backlighting
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61199 Datasheet(HTML) 2 Page - Texas Instruments

  TPS61199 Datasheet HTML 1Page - Texas Instruments TPS61199 Datasheet HTML 2Page - Texas Instruments TPS61199 Datasheet HTML 3Page - Texas Instruments TPS61199 Datasheet HTML 4Page - Texas Instruments TPS61199 Datasheet HTML 5Page - Texas Instruments TPS61199 Datasheet HTML 6Page - Texas Instruments TPS61199 Datasheet HTML 7Page - Texas Instruments TPS61199 Datasheet HTML 8Page - Texas Instruments TPS61199 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
TPS61199
SLVSAN3 – DECEMBER 2010
www.ti.com
Table 1. PACKAGE INFORMATION(1)
PACKAGE
PART NUMBER(2)
SOP – 20
TPS61199NS
HTSSOP – 20
TPS61199PWP
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document; or, see the TI
Web site at www.ti.com.
(2)
The SOP and HTSSOP package are available in tape and reel. Add R suffix (TPS61199PWPR / TPS61199NSR) to order quantities of
2000 parts per reel.
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
MIN
MAX
Pin VIN(2)
–0.3
30
Pin IFB1 to IFB8(2)
–0.3
30
Voltage Range
Pin EN and PWM(2)
–0.3
20
V
Pin ISET, ISNS and OVP(2)
–0.3
3.3
All other pins(2)
–0.3
7
HBM ESD rating
2
KV
Continuous Power Dissipation
See Thermal Information Table
Operating Junction Temperature Range
–40
+150
°C
Storage Temperature Range
–65
+150
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
NOM
MAX
UNIT
L1
Inductor
10
22
47
µH
C1
Input capacitor
10
µF
C2
Output capacitor
10
33
100
µF
fPWM
PWM dimming frequency
0.1
22
KHz
tPWM
Rising/falling edge of PWM signal
1
µsec
fBOOST
Boost regulator switching frequency
300
800
kHz
TA
Operating ambient temperature
–40
85
°C
(1)
Customers need to verify the component values in their application if the values are different from the recommended values.
THERMAL INFORMATION
TPS61199
TPS61199
THERMAL METRIC(1)
NS
PWP
UNITS
20 PINS
20 PINS
qJA
Junction-to-ambient thermal resistance
69.4
46.9
qJCtop
Junction-to-case (top) thermal resistance
36.4
48.2
qJB
Junction-to-board thermal resistance
37.3
22.1
°C/W
yJT
Junction-to-top characterization parameter
11.0
3.4
yJB
Junction-to-board characterization parameter
36.8
13.3
qJCbot
Junction-to-case (bottom) thermal resistance
n/a
2.3
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
2
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TPS61199


Similar Part No. - TPS61199

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
1Mb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
TPS61199NSR TI-TPS61199NSR Datasheet
1Mb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
TPS61199PWP TI-TPS61199PWP Datasheet
1Mb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
More results

Similar Description - TPS61199

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Monolithic Power System...
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
   White LED Driver For TV Backlighting Applications
EV4012DS-00A MPS-EV4012DS-00A Datasheet
223Kb / 6P
   Boost White LED Driver For TV Backlighting Application
logo
Dialog Semiconductor
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
   16-Channel LED Driver for LCD Panel Backlighting
logo
Monolithic Power System...
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
   White LED Driver For Large Size TV Backlighting
logo
Dialog Semiconductor
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
   16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
   10-Channel LED Driver for LCD Panel Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com