Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1841V Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB1841V
Description  Low-Saturation Current-Controlled Forward/Reverse Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1841V Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1841V Datasheet HTML 1Page - Sanyo Semicon Device LB1841V Datasheet HTML 2Page - Sanyo Semicon Device LB1841V Datasheet HTML 3Page - Sanyo Semicon Device LB1841V Datasheet HTML 4Page - Sanyo Semicon Device LB1841V Datasheet HTML 5Page - Sanyo Semicon Device LB1841V Datasheet HTML 6Page - Sanyo Semicon Device LB1841V Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LB1841V
No. 4384-5/7
DEL
OUT
RD
H
limit
L
Non-limit (saturation)
H
L
Saturation
H
• Set current detection circuit
(1) When DEL = High
When the motor current IM is below the set current Ilimit, the input voltage (IM × Rf) at the – side of the current
setting amplifier is smaller than the input voltage at the + side (larger vs. ground). The drive current therefore
increases and the output pnp transistor saturates. When this condition is detected, a signal is sent to the set
current detection circuit and the RD output becomes High.
When the motor current IM reaches the set current Ilimit, the output pnp transistor is in the controlled state and
the RD output becomes Low.
(2) When DEL = Low
When a Low signal is input to the DEL pin, operation of the current setting amplifier is canceled. Therefore as
described above, the output transistor saturates and the RD output becomes High.
The above conditions are shown in the table below.
Output Current Limiter and Setting Current Detection Circuits Block Diagram
LIR
VLIR
VCC
VCC
VS
VM
PBC
Rf
10RS
IM
RD
P-G
DEL
RS
M
Setting current
detection circuit


Similar Part No. - LB1841V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1840 SANYO-LB1840 Datasheet
73Kb / 5P
   Low-voltage/Low-saturation Bidirectional Variable Constant-voltage Motor Driver
LB1840M SANYO-LB1840M Datasheet
73Kb / 5P
   Low-voltage/Low-saturation Bidirectional Variable Constant-voltage Motor Driver
LB1843V SANYO-LB1843V Datasheet
90Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
LB1843V SANYO-LB1843V Datasheet
116Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
LB1843V SANYO-LB1843V Datasheet
102Kb / 6P
   Low-saturation, current-controlled bidirectional motor driver
More results

Similar Description - LB1841V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LB1938FA-BH ONSEMI-LB1938FA-BH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LB1938FA-AH ONSEMI-LB1938FA-AH Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1938T SANYO-LB1938T_07 Datasheet
65Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
logo
ON Semiconductor
LB1938FA ONSEMI-LB1938FA Datasheet
96Kb / 5P
   1ch, Low-saturation Forward/Reverse Motor Driver
May, 2013
LV8548MC ONSEMI-LV8548MC Datasheet
317Kb / 12P
   Motor Driver, Forward/Reverse, Low Saturation Voltage
August 2015- Rev. 4
logo
Sanyo Semicon Device
LB1634M SANYO-LB1634M Datasheet
86Kb / 5P
   Low-Voltage, Low-Saturation Forward/Reverse Motor Driver
logo
ON Semiconductor
LB1948MC ONSEMI-LB1948MC Datasheet
286Kb / 8P
   Motor Driver, Forward/Reverse Low Saturation Voltage Drive
August 2016- Rev. 1
logo
Sanyo Semicon Device
LB1933M SANYO-LB1933M Datasheet
56Kb / 5P
   Low-saturation Forward/Reverse Motor Drive
logo
ON Semiconductor
LB1948MC-AH ONSEMI-LB1948MC-AH Datasheet
132Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
June, 2013
logo
Sanyo Semicon Device
LV8548M SANYO-LV8548M Datasheet
191Kb / 6P
   12V Low Saturation Voltage Drive Forward/Reverse Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com