Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAL99W Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # BAL99W
Description  SURFACE MOUNT SWITCHING DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BAL99W Datasheet(HTML) 1 Page - Pan Jit International Inc.

  BAL99W Datasheet HTML 1Page - Pan Jit International Inc. BAL99W Datasheet HTML 2Page - Pan Jit International Inc. BAL99W Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
REV.0.2-FEB.5.2009
BAW56W,BAV70W,BAV99W,BAL99W
SURFACE MOUNT SWITCHING DIODES
VOLTAGE
100Volts
200mWatts
FEATURES
• Fast switching speed.
• Surface mount package Ideally Suited for Automatic insertion
• Electrically Identical to Standard JEDEC
• High Conductance
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
Case: SOT-323, Plastic
Terminals: Solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.0052 gram
POWER
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25OC ambient temperature unless otherwise specified. For capacitive load, derate current by 20%.
NOTE:
1. CJ at VR=0, f=1MHZ
2.From IF=10mA to IR=1mA, VR=6Volts, RL=100
SINGLE (Alt)
COMMON CATHODE
SERIES
COMMON ANODE
.087(2.2)
.054(1.35)
.056(1.40)
.006(.15)
.016(.40)
.070(1.8)
.045(1.15)
.047(1.20)
.004(.10)MAX.
.002(.05)
.078(.20)
SOT-323
Unit: inch (mm)
R
E
T
E
M
A
R
A
P
L
O
B
M
Y
SW
6
5
W
A
BW
0
7
V
A
BW
9
9
V
A
BW
9
9
L
A
B
S
T
I
N
U
e
d
o
C
g
n
i
k
r
a
M
C
J
A
J
B
J
F
J
e
g
a
t
l
o
V
e
s
r
e
v
e
R
V R
5
7
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
V RM
0
0
1
V
n
o
i
t
a
c
i
f
i
t
c
e
R
e
v
a
W
f
l
a
H
,
)
e
g
a
r
e
v
A
(
t
n
e
r
r
u
C
d
e
i
f
i
t
c
e
R
z
H
0
5
=
>
f
d
n
a
d
a
o
L
e
v
i
t
s
i
s
e
R
h
t
i
w
IO
0
5
1
A
m
s
m
1
0
0
.
0
,
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
IFS M
0
.
4
A
5
2
e
v
o
b
A
e
t
a
r
e
D
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
O C
P TOT
0
0
2
W
m
e
g
a
t
l
o
V
d
r
a
w
r
o
F
m
u
m
i
x
a
M
V F
A
1
0
0
.
0
=
F
I
@
5
1
7
.
0
A
1
0
.
0
=
F
I
@
5
5
8
.
0
A
5
0
.
0
=
F
I
@
0
.
1
A
5
1
.
0
=
F
I
@
5
2
.
1
V
V
5
2
t
a
t
n
e
r
r
u
C
e
s
r
e
v
e
R
C
D
m
u
m
i
x
a
M
V
5
7
IR
3
0
.
0
5
.
2
µA
)
1
s
e
t
o
N
(
e
c
n
a
t
i
c
a
p
a
C
n
o
i
t
c
n
u
J
m
u
m
i
x
a
M
C J
5
.
1
F
p
)
2
s
e
t
o
N
(
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
m
u
m
i
x
a
M
TRR
0
.
4
s
n
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
R
θJA
5
2
6
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
n
o
i
t
c
n
u
J
TJ
0
5
1
+
o
t
5
5
-
O C
e
r
u
g
i
F
t
i
u
c
r
i
C
n
o
m
m
o
C
e
d
o
n
A
n
o
m
m
o
C
e
d
o
h
t
a
C
s
e
i
r
e
S
)
t
l
A
(
e
l
g
n
i
S
1
2
1
2
1
2
1
2
3
3
3
3


Similar Part No. - BAL99W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAL99W PANJIT-BAL99W Datasheet
111Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
NXP Semiconductors
BAL99W PHILIPS-BAL99W Datasheet
58Kb / 12P
   High-speed diode
1999 May 06
logo
Won-Top Electronics
BAL99W WTE-BAL99W Datasheet
33Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Comchip Technology
BAL99W COMCHIP-BAL99W Datasheet
107Kb / 2P
   Surface Mount Switching Diode
logo
Formosa MS
BAL99W FORMOSA-BAL99W Datasheet
100Kb / 2P
   Dual Series Switching Diode - Silicon epitaxial planar type
More results

Similar Description - BAL99W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBD4148 PANJIT-MMBD4148_04 Datasheet
36Kb / 2P
   SURFACE MOUNT SWITCHING DIODES
logo
Jinan Gude Electronic D...
MM4148 JGD-MM4148 Datasheet
213Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD1401 JGD-MMBD1401 Datasheet
96Kb / 1P
   SURFACE MOUNT SWITCHING DIODES
logo
SeCoS Halbleitertechnol...
BAS21 SECOS-BAS21_15 Datasheet
1Mb / 2P
   Surface Mount Switching Diodes
logo
Weitron Technology
MMBD4448HT WEITRON-MMBD4448HT Datasheet
1Mb / 3P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148WS PANJIT-1N4148WS_10 Datasheet
96Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
BAS19W PANJIT-BAS19W_09 Datasheet
199Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
logo
Weitron Technology
BAS21A WEITRON-BAS21A_09 Datasheet
698Kb / 2P
   Surface Mount Switching Diodes
logo
Shenzhen Luguang Electr...
MMBD4448W LUGUANG-MMBD4448W Datasheet
272Kb / 2P
   Surface Mount Switching Diodes
logo
Pan Jit International I...
1N4148W PANJIT-1N4148W_09 Datasheet
78Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
MMBD4148 PANJIT-MMBD4148_09 Datasheet
130Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com