Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD340S Datasheet(PDF) 3 Page - Pan Jit International Inc.

Part # BD340S
Description  THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BD340S Datasheet(HTML) 3 Page - Pan Jit International Inc.

  BD340S Datasheet HTML 1Page - Pan Jit International Inc. BD340S Datasheet HTML 2Page - Pan Jit International Inc. BD340S Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAGE . 3
STAD-DEC.22.2008
MOUNTING PAD LAYOUT
• Packing information
T/R - 3K per 13" plastic Reel
ORDER INFORMATION
LEGAL STATEMENT
Copyright PanJit International, Inc 2009
The information presented in this document is believed to be accurate and reliable. The specifications and information herein
are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit
does not convey any license under its patent rights or rights of others.


Similar Part No. - BD340S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BD340S PANJIT-BD340S_14 Datasheet
261Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD340S_L2_00001 PANJIT-BD340S_L2_00001 Datasheet
261Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD340S_S2_00001 PANJIT-BD340S_S2_00001 Datasheet
261Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - BD340S

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BD340T PANJIT-BD340T Datasheet
48Kb / 2P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
BD340YT PANJIT-BD340YT Datasheet
47Kb / 2P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
BD340YS PANJIT-BD340YS Datasheet
90Kb / 2P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
BD840T PANJIT-BD840T Datasheet
47Kb / 2P
   THROUGH HOLE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD840YT PANJIT-BD840YT Datasheet
46Kb / 2P
   THROUGH HOLE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD840CT PANJIT-BD840CT Datasheet
46Kb / 2P
   THROUGH HOLE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com