Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD850CS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BD850CS
Description  DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BD850CS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BD850CS Datasheet HTML 1Page - Pan Jit International Inc. BD850CS Datasheet HTML 2Page - Pan Jit International Inc. BD850CS Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-APR.30.2009
BD840CS~BD8200CS
RATING AND CHARACTERISTIC CURVES
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
Fig.3- TYPICAL REVERSE CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NO. OF CYCLE AT 60Hz
120
100
80
60
40
20
0
1
2
5
10
20
50
100
40
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
.5
.6
.7
.8
.9
1.0
1.1
1.2
50V~60V
80V~100V
150V~200V
40V~45V
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
120
140
10
1.0
0.1
.01
.001
0
20406080
100
T =100 C
J
O
T=
J
75 C
O
T=
J
25 C
O
CASE TEMPERATURE, C
O
10.0
8.0
4.0
0
2.0
6.0
0
20
40
60
80
100
120
140
160
180
=40V
= 45-200V


Similar Part No. - BD850CS

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
BD850CS ZSELEC-BD850CS Datasheet
146Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
More results

Similar Description - BD850CS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BD840S PANJIT-BD840S Datasheet
123Kb / 3P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD840YS PANJIT-BD840YS Datasheet
88Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD1020YS PANJIT-SD1020YS Datasheet
35Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Transys Electronics
SB620DC TRSYS-SB620DC Datasheet
167Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Won-Top Electronics
SD620CS WTE-SD620CS Datasheet
45Kb / 3P
   6.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020CS WTE-SD1020CS Datasheet
46Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD320YS WTE-SD320YS Datasheet
45Kb / 3P
   3.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820YS WTE-SD820YS Datasheet
44Kb / 3P
   8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020S WTE-SD1020S Datasheet
44Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020YS WTE-SD1020YS Datasheet
46Kb / 3P
   10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com