Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD860YT Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BD860YT
Description  THROUGH HOLE MOUNT SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BD860YT Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BD860YT Datasheet HTML 1Page - Pan Jit International Inc. BD860YT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-APR.30.2009
BD840YT~BD8200YT
RATING AND CHARACTERISTIC CURVES
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Fig.2- MAXIMUM NON - REPETITIVE SURGE CURRENT
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
NO. OF CYCLE AT 60Hz
120
100
80
60
40
20
0
1
2
5
10
20
50
100
40
10
8
6
4
2
1.0
.8
.6
.4
.2
.1
.5
.6
.7
.8
.9
1.0
1.2
1.4
50V~60V
150V~200V
80V~100V
40~45V
Fig.1- FORWARD CURRENT DERATING CURVE
Fig.3- TYPICAL REVERSE CHARACTERISTICS
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE,(%)
120 140
10
1.0
0.1
.01
.001
0
20406080 100
T =100 C
J
O
T=
J
75 C
O
T=
J
25 C
O
CASE TEMPERATURE, C
O
10.0
8.0
4.0
0
2.0
6.0
0
20
40
60
80
100
120
140
160 180
=40V
= 45-200V


Similar Part No. - BD860YT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BD860YS PANJIT-BD860YS Datasheet
88Kb / 2P
   DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
BD860YS ZSELEC-BD860YS Datasheet
148Kb / 2P
   8.0 A SCHOTTKY BARRIER DIODE
More results

Similar Description - BD860YT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BD840T PANJIT-BD840T Datasheet
47Kb / 2P
   THROUGH HOLE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD840CT PANJIT-BD840CT Datasheet
46Kb / 2P
   THROUGH HOLE MOUNT SCHOTTKY BARRIER RECTIFIERS
BD340T PANJIT-BD340T Datasheet
48Kb / 2P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
BD340YT PANJIT-BD340YT Datasheet
47Kb / 2P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
BD340S PANJIT-BD340S Datasheet
124Kb / 3P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
BD340YS PANJIT-BD340YS Datasheet
90Kb / 2P
   THROUGH HOLE SCHOTTKY BARRIER RECTIFIERS
logo
Microdiode Electronics ...
LM5817 CHENDA-LM5817 Datasheet
710Kb / 2P
   SCHOTTKY MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com