Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1876 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LB1876
Description  Three-Phase Brushless Motor Driver for Polygon Mirror Motors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1876 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LB1876 Datasheet HTML 1Page - Sanyo Semicon Device LB1876 Datasheet HTML 2Page - Sanyo Semicon Device LB1876 Datasheet HTML 3Page - Sanyo Semicon Device LB1876 Datasheet HTML 4Page - Sanyo Semicon Device LB1876 Datasheet HTML 5Page - Sanyo Semicon Device LB1876 Datasheet HTML 6Page - Sanyo Semicon Device LB1876 Datasheet HTML 7Page - Sanyo Semicon Device LB1876 Datasheet HTML 8Page - Sanyo Semicon Device LB1876 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
No. 6201-5/14
LB1876
Pin Description
Pin name
Pin number
Function
OUT1
2
OUT2
1
OUT3
36
IN1+, IN1–
8, 9
IN2+, IN2–
6, 7
IN3+, IN3–
4, 5
FG IN+
10
FG comparator non-inverting input.
FG IN–
11
FG comparator inverting input.
GND1
12
Control circuit ground.
GND2
13
Sub-ground.
PWM
14
PWM oscillation frequency setting pin. Connect to ground via capacitor.
FC
15
Current control circuit frequency characteristics compensation pin. Connect to ground via capacitor.
FGFIL
16
FG filter pin. Connect to ground via capacitor if noise in FG signal is a problem.
CSD
17
PH
18
RF waveform smoothing pin. Connect to ground via capacitor.
TOC
19
EO
20
Error amplifier output.
EI
21
Error amplifier input.
PD
22
Phase comparator output pin. Phase deviation is output as a duty cycle change of the pulse.
CLD
23
FGS
24
FG Schmitt output (open collector output).
LD
25
Phase lock detector output (open collector output). Goes ON when PLL is locked.
S/S
26
Start/stop input. Low: Start; High or Open: Stop.
CLK
27
Clock input. 10 kHz max.
VM1
28
Output block power supply. Short to VM2 for use.
VM2
29
VCC
30
Power supply pin. Connect to ground via capacitor to prevent noise.
VREG
31
5V regulator output pin (control circuit power supply). Connect to ground via capacitor to stabilize operation.
LDSEL
32
BRSEL
33
GND3
34
Output circuit ground.
FRAME
NC
3, 35
Not connected internally. Can be used for wiring.
Output pins.
PWM controls duty cycle ratio by lower transistors.
Connect Schottky diode between these pins and VCC.
Hall input pins for each phase.
Logic High indicates VIN+ > VIN–.
Restraint protection circuit operating time setting pin/reset pulse setting pin.
Connect to ground via capacitor. If the protection circuit is not to be used, connect a resistor in parallel
with capacitor.
Torque specifying input pin. Normally connected to EO pin. When TOC potential falls, ON duty cycle ratio of
lower side output transistors changes and torque increases.
Phase lock signal masking time setting pin. Connect to ground via capacitor. Leave open if masking is not
required.
Output current detector pin. Connect to VCC via low resistor.
Set to maximum output current IOUT = 0.5/Rf.
Phase lock signal masking switching pin. When "Low", the unlock signal (short "High" signal of LD output) is
masked. When "High" or Open, the lock signal (short "Low" signal of LD output) is masked.
Braking method select pin. "Low" selects reverse torque control and "High" or Open selects free-run.
When reverse torque is controlled, lower side output transistors require external SBD.
The FRAME pin is connected internally to the metal frame at the base of the IC. Electrically, both the FRAME
pin and the metal frame are left open. To improve thermal dissipation, provide a corresponding land on the
PCB and solder the FRAME pin to that land.


Similar Part No. - LB1876

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
logo
ON Semiconductor
LB1876 ONSEMI-LB1876 Datasheet
169Kb / 12P
   3-phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
More results

Similar Description - LB1876

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1876 SANYO-LB1876_09 Datasheet
168Kb / 12P
   For Polygon Mirror Motors 3-phase Brushless Motor Driver
LB11870 SANYO-LB11870_07 Datasheet
194Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB11870 SANYO-LB11870 Datasheet
204Kb / 14P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H Datasheet
125Kb / 13P
   Three-Phase Brushless Motor Driver for Polygonal Mirror Motors
LB11872H SANYO-LB11872H_08 Datasheet
131Kb / 11P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
LV8112V_1002 SANYO-LV8112V_1002 Datasheet
305Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8112V SANYO-LV8112V_12 Datasheet
204Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8111V_0910 SANYO-LV8111V_0910 Datasheet
295Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
LV8111V SANYO-LV8111V_12 Datasheet
193Kb / 13P
   For Polygon Mirror Motor 3-phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com