Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1877V Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LB1877V
Description  Brushless Motor Driver with Speed Control for Portable Cassette Recorders
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1877V Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LB1877V Datasheet HTML 1Page - Sanyo Semicon Device LB1877V Datasheet HTML 2Page - Sanyo Semicon Device LB1877V Datasheet HTML 3Page - Sanyo Semicon Device LB1877V Datasheet HTML 4Page - Sanyo Semicon Device LB1877V Datasheet HTML 5Page - Sanyo Semicon Device LB1877V Datasheet HTML 6Page - Sanyo Semicon Device LB1877V Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LB1877V
No. 6200-6/7
Pin number
16
11
19
20
1
2
17
3
Continued from preceding page
Unit (Resistance:
Ω, capacitance: F)
Pin name
FC
S/S
DR
UOUT
VOUT
WOUT
LB
P – GND
Pin voltage
Voltage
input not
allowed
0 to Vcc
0 to Vcc
0 to 8V
0 to 1V
Equivalent circuit
Pin function
Frequency characteristics
adjustment pin.
Connect to ground via
capacitor.
Start/stop pin.
Forward/reverse rotation pin.
U, V, W phase output pins.
Connect to motor coils
Motor start lockup prevention.
Power block ground.
Continued on next page
2k
6k
Drive current
To RI pin
3S
16
80k
50k
50k
11
50k
50k
19
100k
20 1
2
200
17


Similar Part No. - LB1877V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1877 SANYO-LB1877 Datasheet
70Kb / 7P
   Brushless Motor Driver with Speed Control for Portable Cassette Recorders
LB1877M SANYO-LB1877M Datasheet
70Kb / 7P
   Brushless Motor Driver with Speed Control for Portable Cassette Recorders
More results

Similar Description - LB1877V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1877M SANYO-LB1877M Datasheet
70Kb / 7P
   Brushless Motor Driver with Speed Control for Portable Cassette Recorders
LA1827M SANYO-LA1827M Datasheet
347Kb / 12P
   Single-Chip Tuner IC for Portable Radio/Cassette Recorders
LA1828 SANYO-LA1828 Datasheet
153Kb / 13P
   Single-Chip Tuner IC for Portable Radio /Cassette Recorders with Manual Tuning
logo
Silicon Touch Technolog...
ST1115C SITI-ST1115C Datasheet
230Kb / 13P
   PWM Speed Control Double Coil Brushless DC Motor Driver
logo
Sanyo Semicon Device
LB1951V SANYO-LB1951V Datasheet
211Kb / 9P
   3-Phase Brushless Motor Driver for Portable VCR Capstan Use
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LA4613 SANYO-LA4613 Datasheet
68Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LV8104V SANYO-LV8104V Datasheet
415Kb / 19P
   For Variable Speed Control Three-Phase Brushless Motor Predriver
LA4601 SANYO-LA4601 Datasheet
67Kb / 7P
   Audio Power Amplifier for Radio Cassette Recorders
LB1822 SANYO-LB1822 Datasheet
112Kb / 5P
   3-phase Brushless Motor Predriver with Digital Speed Control
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com