Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1895 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1895
Description  3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1895 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1895 Datasheet HTML 1Page - Sanyo Semicon Device LB1895 Datasheet HTML 2Page - Sanyo Semicon Device LB1895 Datasheet HTML 3Page - Sanyo Semicon Device LB1895 Datasheet HTML 4Page - Sanyo Semicon Device LB1895 Datasheet HTML 5Page - Sanyo Semicon Device LB1895 Datasheet HTML 6Page - Sanyo Semicon Device LB1895 Datasheet HTML 7Page - Sanyo Semicon Device LB1895 Datasheet HTML 8Page - Sanyo Semicon Device LB1895 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
3-Phase Brushless Motor Driver for
CD-ROM Spindle Motors
Overview
The LB1895 and LB1895D are 3-phase brushless motor drivers
for use in CD-ROM spindle motors.
Functions and Features
.
Current linear drive
.
V-type control amplifier built in
.
Because the power supply for the bias circuit on the upper
output side is separate, output with low saturation can be
attained by boosting only that power supply. (Effective when
VCC =5 V)
.
Because current is detected on the upper side, there is no
voltage loss due to the RF resistance. In addition, the RF
voltage reduces the power dissipation within the IC.
(Effective when VCC =5 V)
.
Start/Stop function built in
.
Thermal shutdown circuit built in
.
Overcurrent protection circuit built in
.
Two-channel Hall signal comparator built in.
(For detecting rotation direction and Hall FG output)
.
Hall device bias built in
Package Dimensions
unit : mm
3222-HSOP28
[LB1895]
114
0.3
0.8
15
28
2.7
15.2
0.8
0.2
SANYO : HSOP28
unit : mm
3196-DIP30SD
[LB1895D]
SANYO : DIP30SD
Ordering number: EN5634
Monolithic Digital IC
LB1895, 1895D
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
4097HA(II) No.5634-1/12


Similar Part No. - LB1895

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1890M SANYO-LB1890M Datasheet
159Kb / 8P
   FDD Spindle Motor Driver
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
   3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
More results

Similar Description - LB1895

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1894M SANYO-LB1894M Datasheet
142Kb / 7P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors?
LB1893 SANYO-LB1893 Datasheet
159Kb / 8P
   3-Phase Brushless Motor Driver for CD-ROM Spindle Motors
LB11996 SANYO-LB11996 Datasheet
87Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Motor Driver
LB1896 SANYO-LB1896 Datasheet
95Kb / 8P
   3-phase Brushless Motor Driver for CD-ROM Spindle Drive Use
logo
Silan Microelectronics ...
SA5664 SILAN-SA5664 Datasheet
263Kb / 12P
   3-PHASE SPINDLE MOTOR DRIVER FOR CD-ROM
logo
Sanyo Semicon Device
LB1998 SANYO-LB1998 Datasheet
91Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11997H SANYO-LB11997H Datasheet
74Kb / 8P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1997 SANYO-LB1997 Datasheet
100Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB1995 SANYO-LB1995 Datasheet
92Kb / 9P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
LB11995 SANYO-LB11995 Datasheet
97Kb / 10P
   Three-Phase Brushless Motor Driver for CD-ROM Spindle Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com