Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR3050PT Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # MBR3050PT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MBR3050PT Datasheet(HTML) 2 Page - Pan Jit International Inc.

  MBR3050PT Datasheet HTML 1Page - Pan Jit International Inc. MBR3050PT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
August 30,2010-REV.02
MBR3040PT SERIES
Fig.1- FORWARD CURRENT DERATING CURVE
RATING AND CHARACTERISTIC CURVES
Fig.2- MAXIMUM NON-REPETITIVE SURGE
CURRENT
NO. OF CYCLE AT 60Hz
200
175
150
125
100
75
50
25
0
1
2
5
10
20
50
100
250
225
275
Fig.3- TYPICAL REVERSE CHARACTERISTIC
0
10
1.0
0.1
0.01
.001
20
0
40
60
80
100
PERCENT OF INSTANTANEOUS REVERSE VOLTAGE, %
TC=125 C
O
TC=75 C
O
TC=25 C
O
Fig.4- TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
40
10
8
6
4
2
1.0
0.8
0.6
0.4
0.2
0.1
40-45V
50-60V
80-100V
150-200V
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
LEAD TEMPERATURE, C
O
50
40
20
0
10
30
0.4
0.5
0.6
0.7
0.8
0.9 1.0
1.1
0
20
40
60
80
100 120 140 160 180
40V
45-200V
RESISTIVE OR
INDUCTIVE LOAD


Similar Part No. - MBR3050PT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR3050PT FAIRCHILD-MBR3050PT Datasheet
55Kb / 3P
   Schottky Rectifiers
logo
Shenzhen Luguang Electr...
MBR3050PT LUGUANG-MBR3050PT Datasheet
239Kb / 2P
   Schottky Barrier Rectifiers
logo
Diodes Incorporated
MBR3050PT DIODES-MBR3050PT Datasheet
64Kb / 2P
   30A SCHOTTKY BARRIER RECTIFIER
DS23017 Rev. E-2
logo
Vishay Siliconix
MBR3050PT VISHAY-MBR3050PT Datasheet
87Kb / 4P
   Dual Common Cathode Schottky Rectifier
Revision: 17-Aug-15
logo
General Semiconductor
MBR3050PT GE-MBR3050PT Datasheet
74Kb / 2P
   SCHOTTKY RECTIFIER
More results

Similar Description - MBR3050PT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com