Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR30100CT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MBR30100CT
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MBR30100CT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MBR30100CT Datasheet HTML 1Page - Pan Jit International Inc. MBR30100CT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
August 30,2010-REV.03
MBR3040CT SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Metal silicon junction, majority carrier conduction
• Low power loss, high efficiency.
• High current capability
• Guardring for overvoltage protection
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• In compliance with EU RoHS 2002/95/EC directives
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
CURRENT
40 to 200 Volts
30 Amperes
MECHANICAL DATA
• Case: TO-220AB molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
• Weight: 0.0655 ounces, 1.859 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Note :
Both Bonding and Chip structure are available.
PA RA ME TE R
S YMB OL MBR3040CT MBR3045CT MBR3050CT MBR3060CT MBR3080CT MBR3090CT MBR30100CT MBR30150CT MBR30200CT UNITS
Ma xi mum Re curre nt P e ak Re ve rs e Voltag e
V
RRM
40
45
50
60
80
90
100
150
200
V
Ma xi mum RMS Vo lta g e
V
RMS
28
31 .5
35
42
56
63
70
10 5
140
V
Ma xi mum D C B lo c ki ng Vo lta ge
V
DC
40
45
50
60
80
90
100
150
200
V
Ma xi mum A verage F o rward C urre nt
I
F(AV)
30
A
P e ak F o rward S urg e C urre nt:8.3 ms s i ng le
ha lf s i ne-wave superi mposed on ra ted load
(JE D EC method)
I
FS M
275
A
Ma xi mum F o rward Vo ltage at 15A per leg
V
F
0 .7
0 .7 5
0 .8
0.9
V
Ma xi mum D C Re ve rs e C urrent
at Ra ted D C B lock i ng Voltag e
T
J =2 5
OC
T
J =1 2 5
OC
I
R
0.1
20
mA
Typ i cal Therma l Resi sta nce
R
JC
1.4
OC / W
Op erati ng Junc ti on and Storage Te mperature
Ra ng e
T
J ,T STG
-5 5 to + 1 50
-65 to + 175
OC
0.419(10.66)
0.387(9.85)
0.139(3.55)
MIN.
0.058(1.47)
0.042(1.07)
0.038(0.96)
0.019(0.50)
0.100(2.54)
0.100(2.54)
0.196(5.00)
0.163(4.16)
0.054(1.39)
0.045(1.15)
0.115(2.92)
0.080(2.03)
0.025(0.65)MAX.


Similar Part No. - MBR30100CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR30100CT ETC2-MBR30100CT Datasheet
104Kb / 1P
   30 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200 Volts
logo
Yangzhou yangjie electr...
MBR30100CT YANGJIE-MBR30100CT Datasheet
175Kb / 2P
   SCHOTTKY Diodes
logo
Shenzhen Luguang Electr...
MBR30100CT LUGUANG-MBR30100CT Datasheet
247Kb / 2P
   30.0AMP. Schottky Barrier Rectifiers
logo
GOOD-ARK Electronics
MBR30100CT GOOD-ARK-MBR30100CT Datasheet
315Kb / 6P
   Product Specification
logo
Taiwan Semiconductor Co...
MBR30100CT TSC-MBR30100CT Datasheet
101Kb / 2P
   30.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - MBR30100CT

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com