Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1924 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1924
Description  Power Brushless Motor Driver IC for Office Automation Equipment
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1924 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1924 Datasheet HTML 1Page - Sanyo Semicon Device LB1924 Datasheet HTML 2Page - Sanyo Semicon Device LB1924 Datasheet HTML 3Page - Sanyo Semicon Device LB1924 Datasheet HTML 4Page - Sanyo Semicon Device LB1924 Datasheet HTML 5Page - Sanyo Semicon Device LB1924 Datasheet HTML 6Page - Sanyo Semicon Device LB1924 Datasheet HTML 7Page - Sanyo Semicon Device LB1924 Datasheet HTML 8Page - Sanyo Semicon Device LB1924 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.
Ordering number : ENN5687B
73099TH (OT)/83097HA(OT) No. 5687-1/11
Overview
The LB1924 is a direct PWM drive output driver IC
appropriate for the power brushless motors used in office
automation equipment. It includes a speed control circuit,
an FG amplifier, and other peripheral circuits and allows a
drive circuit to be implemented with a single IC. It allows
the number of external components to be reduced by
including a lock protection circuit, a kickback absorption
diode for the lower output side, and other components on
chip.
Functions
• Breakdown voltage: 30 V, output current: 3.1 A
• Direct PWM drive output
• Speed discriminator + PLL speed control technique
• Crystal oscillator circuit
• Built-in FG and integrating amplifiers
• Forward/reverse switching circuit
• Speed lock detection output
• On-chip lower output side kickback absorption diode
• Full complement of built-in protection circuits,
including lock protection, current limiter, and thermal
protection circuits
Package Dimension
unit: mm
3147B-DIP28H
1
14
28
15
0.6
27.0
20.0
R1.7
1.93
1.78
1.0
SANYO: DIP28H
[LB1924]
LB1924
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Power Brushless Motor Driver IC for Office
Automation Equipment
Monolithic Digital IC


Similar Part No. - LB1924

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1921 SANYO-LB1921 Datasheet
138Kb / 10P
   Three-Phase Brushless Motor Driver for OA Applications
LB1922 SANYO-LB1922 Datasheet
123Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
More results

Similar Description - LB1924

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1927 SANYO-LB1927 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1929 SANYO-LB1929_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1928 SANYO-LB1928 Datasheet
112Kb / 11P
   Three-Phase Brushless Motor Driver for Office Automation Equipment
LB1928 SANYO-LB1928_08 Datasheet
275Kb / 11P
   For Office Automation Equipment 3-phase Brushless Motor Driver
LB1920 SANYO-LB1920 Datasheet
289Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1922 SANYO-LB1922 Datasheet
123Kb / 10P
   Three-Phase Brushless Motor Driver for Office Automation Applications
LB1820 SANYO-LB1820 Datasheet
77Kb / 7P
   Office Automation-Use 3-Phase Brushless Motor Driver
LB11920 SANYO-LB11920 Datasheet
103Kb / 10P
   Three-Phase Brushless Motor Driver for Office Equipment Applications
LB1821M SANYO-LB1821M Datasheet
223Kb / 16P
   Power Brushless Motor Pre-Driver IC for OA Equipment
LB1923M SANYO-LB1923M Datasheet
110Kb / 17P
   Power Brushless Motor Pre-Driver IC for OA Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com