Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P6SMBJ64 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # P6SMBJ64
Description  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

P6SMBJ64 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  P6SMBJ64 Datasheet HTML 1Page - Pan Jit International Inc. P6SMBJ64 Datasheet HTML 2Page - Pan Jit International Inc. P6SMBJ64 Datasheet HTML 3Page - Pan Jit International Inc. P6SMBJ64 Datasheet HTML 4Page - Pan Jit International Inc. P6SMBJ64 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
STAD-APR.07.2009
1
P6SMBJ SERIES
FEATURES
• For surface mounted applications in order to optimize board space.
• Low profile package
• Built-in strain relief
• Glass passivated junction
• Low inductance
• Typical I
D less than 1.0µA above 10V
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-O
• High temperature soldering : 260°C /10 seconds at terminals
• In compliance with EU RoHS 2002/95/EC directives
MECHANICALDATA
• Case: JEDEC DO-214AA,Molded plastic over passivated junction.
• Terminals: Solder plated,solderable per MIL-STD-750,Method 2026
• Polarity: Color band denotes positive end (cathode)
• Standard Packaging:12mm tape (EIA-481)
• Weight: 0.003 ounce, 0.093 gram
NOTES:
1. Non-repetitive current pulse, per Fig.3 and derated above TA = 25 OC per Fig. 2.
2. Mounted on 5.0mm2 (0.13mm thick) land areas.
3. Measured on 8.3ms, single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum.
MAXIMUM RATINGSAND CHARACTERISTICS
Rating at 25°Cambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
For Capacitive load derate current by 20%.
g
n
i
t
a
Rl
o
b
m
y
S
e
u
l
a
Vs
t
i
n
U
)
1
.
g
i
F
,
2
,
1
s
e
t
o
N
(
m
r
o
f
e
v
a
w
S
u
0
0
0
1
/
0
1
n
o
n
o
i
t
a
p
i
s
s
i
D
r
e
w
o
P
e
s
l
u
P
k
a
e
P
P
M
P
P
0
0
6s
t
t
a
W
e
v
a
w
-
e
n
i
s
f
l
a
h
e
l
g
n
i
s
s
m
3
.
8
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
)
3
,
2
s
e
t
o
N
(
)
d
o
h
t
e
M
C
E
D
E
J
(
d
a
o
l
d
e
t
a
r
n
o
d
e
s
o
p
m
i
r
e
p
u
s
I
M
S
F
0
0
1s
p
m
A
3
.
g
i
F
)
1
e
t
o
N
(
m
r
o
f
e
v
a
w
s
u
0
0
0
1
/
0
1
n
o
t
n
e
r
r
u
C
e
s
l
u
P
k
a
e
P
I
M
P
P
1
e
l
b
a
T
e
e
ss
p
m
A
)
2
s
e
t
o
N
(
r
i
A
o
t
n
o
i
t
c
n
u
J
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
l
a
c
i
p
y
T
Rθ
A
J
0
6
O
W
/
C
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
g
n
i
t
a
r
e
p
O
T
J ,T
G
T
S
0
5
1
+
o
t
5
5
-
O C
Recongnized File # E210467
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
STAND-OFF VOLTAGE
5.0 to 220 Volts
DEVICES FOR BIPOLARAPPLICATIONS
For Bidirectional use C or CA Suffix for types P6SMBJ5.0 thru types P6SMBJ220.
Electrical characteristics apply in both directions.


Similar Part No. - P6SMBJ64

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMBJ64 PANJIT-P6SMBJ64 Datasheet
80Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 to 220 Volts 600 Watt Peak Power Pulse)
logo
CHENG-YI ELECTRONIC CO....
P6SMBJ64 CHENG-YI-P6SMBJ64 Datasheet
171Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Surge Components
P6SMBJ64 SURGE-P6SMBJ64 Datasheet
218Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0-170Volts???
logo
Frontier Electronics.
P6SMBJ64 FRONTIER-P6SMBJ64 Datasheet
133Kb / 4P
   600W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Transys Electronics
P6SMBJ64 TRSYS-P6SMBJ64 Datasheet
207Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - P6SMBJ64

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6SMB PANJIT-P6SMB_09 Datasheet
146Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
SMH5.0A PANJIT-SMH5.0A Datasheet
68Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
SMHN3.3A PANJIT-SMHN3.3A Datasheet
66Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
PJ6.6K48A PANJIT-PJ6.6K48A Datasheet
207Kb / 3P
   POWER SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P6SMA6.8A PANJIT-P6SMA6.8A Datasheet
85Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
P4SMAJ PANJIT-P4SMAJ_08 Datasheet
179Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
PJ66K48A PANJIT-PJ66K48A Datasheet
210Kb / 3P
   POWER SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMA PANJIT-P4SMA_08 Datasheet
173Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com