Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD622AR Datasheet(PDF) 9 Page - Analog Devices

Part # AD622AR
Description  Low Cost Instrumentation Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD622AR Datasheet(HTML) 9 Page - Analog Devices

Back Button AD622AR Datasheet HTML 5Page - Analog Devices AD622AR Datasheet HTML 6Page - Analog Devices AD622AR Datasheet HTML 7Page - Analog Devices AD622AR Datasheet HTML 8Page - Analog Devices AD622AR Datasheet HTML 9Page - Analog Devices AD622AR Datasheet HTML 10Page - Analog Devices AD622AR Datasheet HTML 11Page - Analog Devices AD622AR Datasheet HTML 12Page - Analog Devices AD622AR Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD622
Rev. D | Page 9 of 16
THEORY OF OPERATION
The AD622 is a monolithic instrumentation amplifier based on
a modification of the classic three op amp approach. Absolute
value trimming allows the user to program gain accurately (to
0.5% at G = 100) with only one resistor. Monolithic construction
and laser wafer trimming allow the tight matching and tracking
of circuit components, thus insuring AD622 performance.
Input Transistor Q1 and Input Transistor Q2 provide a single
differential-pair bipolar input for high precision (see Figure 16).
Feedback through the Q1-A1-R1 loop and the Q2-A2-R2 loop
maintains constant collector current of the Q1 and Q2 input
devices, thereby impressing the input voltage across External
Gain-Setting Resistor RG. This creates a differential gain from the
inputs to the A1 and A2 outputs given by G = (R1 + R2)/RG + 1.
Unity-Gain Subtracter A3 removes any common-mode signal,
yielding a single-ended output referred to the REF pin potential.
VB
–VS
A1
A2
A3
C2
RG
R1
R2
GAIN
SENSE
GAIN
SENSE
R3
400Ω
10kΩ
10kΩ
I2
I1
10kΩ
REF
10kΩ
+IN
–IN
20µA
20µA
R4
400Ω
OUTPUT
C1
Q2
Q1
Figure 16. Simplified Schematic of the AD622
The value of RG also determines the transconductance of the
preamp stage. As RG is reduced for larger gains, the trans-
conductance increases asymptotically to that of the input
transistors. This has the following three important advantages:
Open-loop gain is boosted for increasing programmed
gain, thus reducing gain-related errors.
The gain-bandwidth product (determined by C1, C2, and
the preamp transconductance) increases with programmed
gain, thus optimizing frequency response.
The input voltage noise is reduced to a value of 12 nV/√Hz,
determined mainly by the collector current and base
resistance of the input devices.
The internal gain resistors, R1 and R2, are trimmed to an
absolute value of 25.25 kΩ, allowing the gain to be programmed
accurately with a single external resistor.
MAKE vs. BUY: A TYPICAL APPLICATION ERROR
BUDGET
The AD622 offers cost and performance advantages over
discrete two op amp instrumentation amplifier designs along
with smaller size and fewer components. In a typical application
shown in Figure 17, a gain of 10 is required to receive and
amplify a 0 to 20 mA signal from the AD694 current transmitter.
The current is converted to a voltage in a 50 Ω shunt. In
applications where transmission is over long distances, line
impedance can be significant so that differential voltage
measurement is essential. Where there is no connection
between the ground returns of transmitter and receiver, there
must be a dc path from each input to ground, implemented in
this case using two 1 kΩ resistors. The error budget detailed in
Table 4 shows how to calculate the effect of various error
sources on circuit accuracy.
AD694
0 TO 20mA
TRANSMITTER
RL2
10Ω
RL2
10Ω
0 TO 20mA
50Ω
0 TO 20mA CURRENT LOOP
WITH 50Ω SHUNT IMPEDANCE
RG
5.62kΩ
1kΩ
1kΩ
REF
AD622
AD622 MONOLITHIC INSTRUMENTATION
AMPLIFIER, G = 9.986
HOMEBREW IN-AMP, G = 10
1kΩ
1kΩ
1/2
LT1013
1/2
LT1013
9kΩ*
1kΩ*
1kΩ*
9kΩ*
+
VIN
*0.1% RESISTOR MATCH, 50ppm/°C TRACKING
Figure 17. Make vs. Buy


Similar Part No. - AD622AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD622AR AD-AD622AR Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
AD622AR-REEL AD-AD622AR-REEL Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
AD622AR-REEL7 AD-AD622AR-REEL7 Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
More results

Similar Description - AD622AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD622 AD-AD622_15 Datasheet
491Kb / 17P
   Low Cost Instrumentation Amplifier
Rev. E
AD622 AD-AD622 Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
AD622 AD-AD622_16 Datasheet
348Kb / 17P
   Low Cost Instrumentation Amplifier
logo
National Semiconductor ...
LH0037C NSC-LH0037C Datasheet
201Kb / 3P
   Low cost Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620_15 Datasheet
643Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
Rev. H
logo
JSC ALFA.
AS620 ALFA-AS620 Datasheet
309Kb / 4P
   Low Cost Low Power Instrumentation Amplifier
logo
Analog Devices
AD620 AD-AD620 Datasheet
571Kb / 16P
   Low Cost, Low Power Instrumentation Amplifier
REV. E
AD620 AD-AD620_04 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620_05 Datasheet
788Kb / 20P
   Low Cost Low Power Instrumentation Amplifier
Rev. G
AD620 AD-AD620_16 Datasheet
483Kb / 21P
   Low Cost Low Power Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com