Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8221ARMZ-RL Datasheet(PDF) 6 Page - Analog Devices

Part # AD8221ARMZ-RL
Description  Precision Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8221ARMZ-RL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8221ARMZ-RL Datasheet HTML 2Page - Analog Devices AD8221ARMZ-RL Datasheet HTML 3Page - Analog Devices AD8221ARMZ-RL Datasheet HTML 4Page - Analog Devices AD8221ARMZ-RL Datasheet HTML 5Page - Analog Devices AD8221ARMZ-RL Datasheet HTML 6Page - Analog Devices AD8221ARMZ-RL Datasheet HTML 7Page - Analog Devices AD8221ARMZ-RL Datasheet HTML 8Page - Analog Devices AD8221ARMZ-RL Datasheet HTML 9Page - Analog Devices AD8221ARMZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD8221
Rev. B | Page 6 of 24
ARM Grade
Parameter
Conditions
Min
Typ
Max
Unit
REFERENCE INPUT
RIN
20
IIN
VIN+, VIN−, VREF = 0
50
60
μA
Voltage Range
−VS
+VS
V
Gain to Output
1 ± 0.0001
V/V
POWER SUPPLY
Operating Range
VS = ±2.3 V to ±18 V
±2.3
±18
V
Quiescent Current
0.9
1
mA
Over Temperature
T = −40°C to +85°C
1
1.2
mA
DYNAMIC RESPONSE
Small Signal –3 dB Bandwidth
G = 1
825
kHz
G = 10
562
kHz
G = 100
100
kHz
G = 1000
14.7
kHz
Settling Time 0.01%
10 V step
G = 1 to 100
10
μs
G = 1000
80
μs
Settling Time 0.001%
10 V step
G = 1 to 100
13
μs
G = 1000
110
μs
Slew Rate
G = 1
1.5
2
V/μs
G = 5 to 100
2
2.5
V/μs
GAIN
G = 1 + (49.4 kΩ/RG)
Gain Range
1
1000
V/V
Gain Error
VOUT ± 10 V
G = 1
0.1
%
G = 10
0.3
%
G = 100
0.3
%
G = 1000
0.3
%
Gain Nonlinearity
VOUT = −10 V to +10 V
G = 1 to 10
RL = 10 kΩ
5
15
ppm
G = 100
RL = 10 kΩ
7
20
ppm
G = 1000
RL = 10 kΩ
10
50
ppm
G = 1 to 100
RL = 2 kΩ
15
100
ppm
Gain vs. Temperature
G = 1
3
10
ppm/°C
G > 12
–50
ppm/°C
INPUT
Input Impedance
Differential
100||2
GΩ/pF
Common Mode
100||2
GΩ/pF
Input Operating Voltage Range3
VS = ±2.3 V to ±5 V
–VS + 1.9
+VS − 1.1
V
Over Temperature
T = −40°C to +85°C
–VS + 2.0
+VS − 1.2
V
Input Operating Voltage Range
VS = ±5 V to ±18 V
–VS + 1.9
+VS − 1.2
V
Over Temperature
T = −40°C to +85°C
–VS + 2.0
+VS − 1.2
V
OUTPUT
RL = 10 kΩ
Output Swing
VS = ±2.3 V to ±5 V
–VS + 1.1
+VS − 1.2
V
Over Temperature
T = −40°C to +85°C
–VS + 1.4
+VS − 1.3
V
Output Swing
VS = ±5 V to ±18 V
–VS + 1.2
+VS − 1.4
V
Over Temperature
T = −40°C to +85°C
–VS + 1.6
+VS − 1.5
V
Short-Circuit Current
18
mA


Similar Part No. - AD8221ARMZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8221ARMZ-RL AD-AD8221ARMZ-RL Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD8221ARMZ-RL AD-AD8221ARMZ-RL Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results

Similar Description - AD8221ARMZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD524 AD-AD524_16 Datasheet
519Kb / 29P
   Precision Instrumentation Amplifier
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com