Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJP10N65 Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # PJP10N65
Description  650V N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJP10N65 Datasheet(HTML) 4 Page - Pan Jit International Inc.

  PJP10N65 Datasheet HTML 1Page - Pan Jit International Inc. PJP10N65 Datasheet HTML 2Page - Pan Jit International Inc. PJP10N65 Datasheet HTML 3Page - Pan Jit International Inc. PJP10N65 Datasheet HTML 4Page - Pan Jit International Inc. PJP10N65 Datasheet HTML 5Page - Pan Jit International Inc. PJP10N65 Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Fig. 7 Gate Charge Waveform
PJP10N65 / PJF10N65
Typical Characteristics Curves ( Ta=25
℃, unless otherwise noted)
Fig.8 Source-Drain Diode Forward Voltage
0.8
0.9
1
1.1
1.2
-50 -25
0
25
50
75 100 125 150
TJ - Junction Temperature (oC)
I
D = 250µA
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
V
SD - Source-to-Drain Voltage (V)
T
J = 125
oC
25oC
V
GS = 0V
-55oC
0
2
4
6
8
10
12
0
4
8
12 16 20 24 28 32 36 40
Qg - Gate Charge (nC)
I
D =10A
VDS=520V
VDS=325V
VDS=130V
Fig. 7 Gate Charge Waveform
PJP10N65 / PJF10N65
Typical Characteristics Curves ( Ta=25
℃, unless otherwise noted)
Fig.8 Source-Drain Diode Forward Voltage
Fig.9 Breakdown Voltage vs Junction Temperature
STAD-DEC.25.2009
PAGE. 4
0.8
0.9
1
1.1
1.2
-50 -25
0
25
50
75 100 125 150
TJ - Junction Temperature (oC)
I
D = 250µA
0.01
0.1
1
10
100
0.2
0.4
0.6
0.8
1
1.2
1.4
V
SD - Source-to-Drain Voltage (V)
T
J = 125
oC
25oC
V
GS = 0V
-55oC
0
2
4
6
8
10
12
0
4
8
12 16 20 24 28 32 36 40
Qg - Gate Charge (nC)
I
D =10A
VDS=520V
VDS=325V
VDS=130V


Similar Part No. - PJP10N65

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP10N60 PANJIT-PJP10N60 Datasheet
190Kb / 5P
   600V N-Channel Enhancement Mode MOSFET
More results

Similar Description - PJP10N65

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJP12N65 PANJIT-PJP12N65 Datasheet
232Kb / 6P
   650V N-Channel Enhancement Mode MOSFET
logo
Shanghai Leiditech Elec...
LMFB10N65 LEIDITECH-LMFB10N65 Datasheet
5Mb / 5P
   650V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP7N65 PANJIT-PJP7N65 Datasheet
204Kb / 5P
   650V N-Channel Enhancement Mode MOSFET
logo
HY ELECTRONIC CORP.
HY10N65T HY-HY10N65T Datasheet
135Kb / 4P
   650V / 10A N-Channel Enhancement Mode MOSFET
HY8N65T HY-HY8N65T Datasheet
132Kb / 4P
   650V / 8A N-Channel Enhancement Mode MOSFET
HY12N65T HY-HY12N65T Datasheet
134Kb / 4P
   650V/ 12A N-Channel Enhancement Mode MOSFET
HY2N65T HY-HY2N65T Datasheet
152Kb / 4P
   650V / 2A N-Channel Enhancement Mode MOSFET
HY4N65D HY-HY4N65D Datasheet
155Kb / 4P
   650V / 4A N-Channel Enhancement Mode MOSFET
HY2N65D HY-HY2N65D Datasheet
155Kb / 4P
   650V / 2A N-Channel Enhancement Mode MOSFET
HY4N65T HY-HY4N65T Datasheet
151Kb / 4P
   650V / 4A N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com