Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD623BRZ-RL Datasheet(PDF) 6 Page - Analog Devices

Part # AD623BRZ-RL
Description  Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD623BRZ-RL Datasheet(HTML) 6 Page - Analog Devices

Back Button AD623BRZ-RL Datasheet HTML 2Page - Analog Devices AD623BRZ-RL Datasheet HTML 3Page - Analog Devices AD623BRZ-RL Datasheet HTML 4Page - Analog Devices AD623BRZ-RL Datasheet HTML 5Page - Analog Devices AD623BRZ-RL Datasheet HTML 6Page - Analog Devices AD623BRZ-RL Datasheet HTML 7Page - Analog Devices AD623BRZ-RL Datasheet HTML 8Page - Analog Devices AD623BRZ-RL Datasheet HTML 9Page - Analog Devices AD623BRZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
AD623
Rev. D | Page 6 of 24
AD623A
AD623ARM
AD623B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC RESPONSE
Small Signal −3 dB Bandwidth
G = 1
800
800
800
kHz
G = 10
100
100
100
kHz
G = 100
10
10
10
kHz
G = 1000
2
2
2
kHz
Slew Rate
0.3
0.3
0.3
V/μs
Settling Time to 0.01%
VS = ±5 V,
5 V step
G = 1
30
30
30
μs
G = 10
20
20
20
μs
1 Does not include effects of external resistor, RG.
2 One input grounded. G = 1.
BOTH DUAL AND SINGLE SUPPLIES
Table 3.
AD623A
AD623ARM
AD623B
Parameter
Conditions
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
NOISE
Voltage Noise, 1 kHz
Total RTI noise =
() ()2
2
/G
e
e
no
ni
+
Input, Voltage Noise, eni
35
35
35
nV/√Hz
Output, Voltage Noise, eno
50
50
50
nV/√Hz
RTI, 0.1 Hz to 10 Hz
G = 1
3.0
3.0
3.0
μV p-p
G = 1000
1.5
1.5
1.5
μV p-p
Current Noise
f = 1 kHz
100
100
100
fA/√Hz
0.1 Hz to 10 Hz
1.5
1.5
1.5
pA p-p
REFERENCE INPUT
RIN
100 ±
20%
100 ±
20%
100 ±
20%
IIN
VIN+, VREF = 0 V
50
60
50
60
50
60
μA
Voltage Range
−VS
+VS
−VS
+VS
−VS
+VS
V
Gain to Output
1 ±
0.0002
1 ±
0.0002
1 ±
0.0002
V
POWER SUPPLY
Operating Range
Dual supply
±2.5
±6
±2.5
±6
±2.5
±6
V
Single supply
2.7
12
2.7
12
2.7
12
V
Quiescent Current
Dual supply
375
550
375
550
375
550
μA
Single supply
305
480
305
480
305
480
μA
Over Temperature
625
625
625
μA
TEMPERATURE RANGE
For Specified Performance
−40
+85
−40
+85
−40
+85
°C


Similar Part No. - AD623BRZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD623BR AD-AD623BR Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD623BR-REEL AD-AD623BR-REEL Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD623BR-REEL7 AD-AD623BR-REEL7 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
More results

Similar Description - AD623BRZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD623 AD-AD623_15 Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD623 AD-AD623 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD8223 AD-AD8223 Datasheet
420Kb / 20P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Rev. PrA
AD623 AD-AD623_16 Datasheet
1Mb / 27P
   Single and Dual-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA155 TI1-INA155 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA155UG4 TI-INA155UG4 Datasheet
702Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 TI1-INA156 Datasheet
685Kb / 15P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD627 AD-AD627 Datasheet
545Kb / 16P
   Micropower, Single and Dual Supply Rail-to-Rail Instrumentation Amplifier
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com