Electronic Components Datasheet Search |
|
ADSP-BF561SKB500 Datasheet(PDF) 7 Page - Analog Devices |
|
ADSP-BF561SKB500 Datasheet(HTML) 7 Page - Analog Devices |
7 / 64 page ADSP-BF561 writing the appropriate values into the Interrupt Assignment Table 2. System Interrupt Controller (SIC) (Continued) Registers (SIC_IAR7–0). Table 2 describes the inputs into the SIC and the default mappings into the CEC. Table 2. System Interrupt Controller (SIC) Peripheral Interrupt Event PLL Wakeup IVG7 DMA1 Error (Generic) IVG7 DMA2 Error (Generic) IVG7 IMDMA Error IVG7 PPI0 Error IVG7 PPI1 Error IVG7 SPORT0 Error IVG7 SPORT1 Error IVG7 SPI Error IVG7 UART Error IVG7 Reserved IVG7 DMA1 Channel 0 Interrupt (PPI0) IVG8 DMA1 Channel 1 Interrupt (PPI1) IVG8 DMA1 Channel 2 Interrupt IVG8 DMA1 Channel 3 Interrupt IVG8 DMA1 Channel 4 Interrupt IVG8 DMA1 Channel 5 Interrupt IVG8 DMA1 Channel 6 Interrupt IVG8 DMA1 Channel 7 Interrupt IVG8 DMA1 Channel 8 Interrupt IVG8 DMA1 Channel 9 Interrupt IVG8 DMA1 Channel 10 Interrupt IVG8 DMA1 Channel 11 Interrupt IVG8 DMA2 Channel 0 Interrupt (SPORT0 Rx) IVG9 DMA2 Channel 1 Interrupt (SPORT0 Tx) IVG9 DMA2 Channel 2 Interrupt (SPORT1 Rx) IVG9 DMA2 Channel 3 Interrupt (SPORT1 Tx) IVG9 DMA2 Channel 4 Interrupt (SPI) IVG9 DMA2 Channel 5 Interrupt (UART Rx) IVG9 DMA2 Channel 6 Interrupt (UART Tx) IVG9 DMA2 Channel 7 Interrupt IVG9 DMA2 Channel 8 Interrupt IVG9 DMA2 Channel 9 Interrupt IVG9 DMA2 Channel 10 Interrupt IVG9 DMA2 Channel 11 Interrupt IVG9 Timer0 Interrupt IVG10 Timer1 Interrupt IVG10 Timer2 Interrupt IVG10 Timer3 Interrupt IVG10 Timer4 Interrupt IVG10 Timer5 Interrupt IVG10 Timer6 Interrupt IVG10 Rev. E | Page 7 of 64 | September 2009 Default Mapping Peripheral Interrupt Event Timer7 Interrupt IVG10 Timer8 Interrupt IVG10 Timer9 Interrupt IVG10 Timer10 Interrupt IVG10 Timer11 Interrupt IVG10 Programmable Flags 15–0 Interrupt A IVG11 Programmable Flags 15–0 Interrupt B IVG11 Programmable Flags 31–16 Interrupt A IVG11 Programmable Flags 31–16 Interrupt B IVG11 Programmable Flags 47–32 Interrupt A IVG11 Programmable Flags 47–32 Interrupt B IVG11 DMA1 Channel 12/13 Interrupt IVG8 (Memory DMA/Stream 0) DMA1 Channel 14/15 Interrupt IVG8 (Memory DMA/Stream 1) DMA2 Channel 12/13 Interrupt IVG9 (Memory DMA/Stream 0) DMA2 Channel 14/15 Interrupt IVG9 (Memory DMA/Stream 1) IMDMA Stream 0 Interrupt IVG12 IMDMA Stream 1 Interrupt IVG12 Watchdog Timer Interrupt IVG13 Reserved IVG7 Reserved IVG7 Supplemental Interrupt 0 IVG7 Supplemental Interrupt 1 IVG7 Default Mapping Event Control The ADSP-BF561 provides the user with a very flexible mecha nism to control the processing of events. In the CEC, three registers are used to coordinate and control events. Each of the registers is 16 bits wide, while each bit represents a particular event class. • CEC Interrupt Latch Register (ILAT) – The ILAT register indicates when events have been latched. The appropriate bit is set when the processor has latched the event and cleared when the event has been accepted into the system. This register is updated automatically by the controller, but may also be written to clear (cancel) latched events. This register may be read while in supervisor mode and may only be written while in supervisor mode when the corre sponding IMASK bit is cleared. • CEC Interrupt Mask Register (IMASK) – The IMASK reg ister controls the masking and unmasking of individual events. When a bit is set in the IMASK register, that event is unmasked and will be processed by the CEC when asserted. A cleared bit in the IMASK register masks the event, thereby preventing the processor from servicing the event |
Similar Part No. - ADSP-BF561SKB500 |
|
Similar Description - ADSP-BF561SKB500 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |