Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF533SKBC-6V Datasheet(PDF) 9 Page - Analog Devices

Part # ADSP-BF533SKBC-6V
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SKBC-6V Datasheet(HTML) 9 Page - Analog Devices

Back Button ADSP-BF533SKBC-6V Datasheet HTML 5Page - Analog Devices ADSP-BF533SKBC-6V Datasheet HTML 6Page - Analog Devices ADSP-BF533SKBC-6V Datasheet HTML 7Page - Analog Devices ADSP-BF533SKBC-6V Datasheet HTML 8Page - Analog Devices ADSP-BF533SKBC-6V Datasheet HTML 9Page - Analog Devices ADSP-BF533SKBC-6V Datasheet HTML 10Page - Analog Devices ADSP-BF533SKBC-6V Datasheet HTML 11Page - Analog Devices ADSP-BF533SKBC-6V Datasheet HTML 12Page - Analog Devices ADSP-BF533SKBC-6V Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 64 page
background image
ADSP-BF531/ADSP-BF532/ADSP-BF533
Rev. H
|
Page 9 of 64
|
January 2011
The stopwatch function counts down from a programmed
value, with one second resolution. When the stopwatch is
enabled and the counter underflows, an interrupt is generated.
Like other peripherals, the RTC can wake up the processor from
sleep mode upon generation of any RTC wakeup event.
Additionally, an RTC wakeup event can wake up the processor
from deep sleep mode, and wake up the on-chip internal voltage
regulator from a powered-down state.
Connect RTC pins RTXI and RTXO with external components
as shown in Figure 6.
WATCHDOG TIMER
The ADSP-BF531/ADSP-BF532/ADSP-BF533 processors
include a 32-bit timer that can be used to implement a software
watchdog function. A software watchdog can improve system
availability by forcing the processor to a known state through
generation of a hardware reset, nonmaskable interrupt (NMI),
or general-purpose interrupt, if the timer expires before being
reset by software. The programmer initializes the count value of
the timer, enables the appropriate interrupt, then enables the
timer. Thereafter, the software must reload the counter before it
counts to zero from the programmed value. This protects the
system from remaining in an unknown state where software,
which would normally reset the timer, has stopped running due
to an external noise condition or software error.
If configured to generate a hardware reset, the watchdog timer
resets both the core and the processor peripherals. After a reset,
software can determine if the watchdog was the source of the
hardware reset by interrogating a status bit in the watchdog
timer control register.
The timer is clocked by the system clock (SCLK), at a maximum
frequency of fSCLK.
TIMERS
There are four general-purpose programmable timer units in
the ADSP-BF531/ADSP-BF532/ADSP-BF533 processors. Three
timers have an external pin that can be configured either as a
pulse-width modulator (PWM) or timer output, as an input to
clock the timer, or as a mechanism for measuring pulse widths
and periods of external events. These timers can be synchro-
nized to an external clock input to the PF1 pin (TACLK), an
external clock input to the PPI_CLK pin (TMRCLK), or to the
internal SCLK.
The timer units can be used in conjunction with the UART to
measure the width of the pulses in the data stream to provide an
autobaud detect function for a serial channel.
The timers can generate interrupts to the processor core provid-
ing periodic events for synchronization, either to the system
clock or to a count of external signals.
In addition to the three general-purpose programmable timers,
a fourth timer is also provided. This extra timer is clocked by the
internal processor clock and is typically used as a system tick
clock for generation of operating system periodic interrupts.
SERIAL PORTS (SPORTs)
The ADSP-BF531/ADSP-BF532/ADSP-BF533 processors
incorporate two dual-channel synchronous serial ports
(SPORT0 and SPORT1) for serial and multiprocessor commu-
nications. The SPORTs support the following features:
•I2S capable operation.
• Bidirectional operation – Each SPORT has two sets of inde-
pendent transmit and receive pins, enabling eight channels
of I2S stereo audio.
• Buffered (8-deep) transmit and receive ports – Each port
has a data register for transferring data words to and from
other processor components and shift registers for shifting
data in and out of the data registers.
• Clocking – Each transmit and receive port can either use an
external serial clock or generate its own, in frequencies
ranging from (fSCLK/131,070) Hz to (fSCLK/2) Hz.
• Word length – Each SPORT supports serial data words
from 3 bits to 32 bits in length, transferred most-signifi-
cant-bit first or least-significant-bit first.
• Framing – Each transmit and receive port can run with or
without frame sync signals for each data word. Frame sync
signals can be generated internally or externally, active high
or low, and with either of two pulse widths and early or late
frame sync.
• Companding in hardware – Each SPORT can perform
A-law or μ-law companding according to ITU recommen-
dation G.711. Companding can be selected on the transmit
and/or receive channel of the SPORT without additional
latencies.
• DMA operations with single-cycle overhead – Each SPORT
can automatically receive and transmit multiple buffers of
memory data. The processor can link or chain sequences of
DMA transfers between a SPORT and memory.
Figure 6. External Components for RTC
RTXO
C1
C2
X1
SUGGESTED COMPONENTS:
X1 = ECLIPTEK EC38J (THROUGH-HOLE PACKAGE) OR
EPSON MC405 12 pF LOAD (SURFACE-MOUNT PACKAGE)
C1 = 22 pF
C2 = 22 pF
R1 = 10 M
:
NOTE: C1 AND C2 ARE SPECIFIC TO CRYSTAL SPECIFIED FOR X1.
CONTACT CRYSTAL MANUFACTURER FOR DETAILS. C1 AND C2
SPECIFICATIONS ASSUME BOARD TRACE CAPACITANCE OF 3 pF.
RTXI
R1


Similar Part No. - ADSP-BF533SKBC-6V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SKBC-6V AD-ADSP-BF533SKBC-6V Datasheet
3Mb / 60P
   Blackfin짰 Embedded Processor
Rev. E
ADSP-BF533SKBC-6V AD-ADSP-BF533SKBC-6V Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
More results

Similar Description - ADSP-BF533SKBC-6V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com