Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-BF533SKSTZ-5V Datasheet(PDF) 10 Page - Analog Devices

Part # ADSP-BF533SKSTZ-5V
Description  Blackfin Embedded Processor
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-BF533SKSTZ-5V Datasheet(HTML) 10 Page - Analog Devices

Back Button ADSP-BF533SKSTZ-5V Datasheet HTML 6Page - Analog Devices ADSP-BF533SKSTZ-5V Datasheet HTML 7Page - Analog Devices ADSP-BF533SKSTZ-5V Datasheet HTML 8Page - Analog Devices ADSP-BF533SKSTZ-5V Datasheet HTML 9Page - Analog Devices ADSP-BF533SKSTZ-5V Datasheet HTML 10Page - Analog Devices ADSP-BF533SKSTZ-5V Datasheet HTML 11Page - Analog Devices ADSP-BF533SKSTZ-5V Datasheet HTML 12Page - Analog Devices ADSP-BF533SKSTZ-5V Datasheet HTML 13Page - Analog Devices ADSP-BF533SKSTZ-5V Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
Rev. H
|
Page 10 of 64
|
January 2011
ADSP-BF531/ADSP-BF532/ADSP-BF533
• Interrupts – Each transmit and receive port generates an
interrupt upon completing the transfer of a data-word or
after transferring an entire data buffer or buffers
through DMA.
• Multichannel capability – Each SPORT supports 128 chan-
nels out of a 1,024-channel window and is compatible with
the H.100, H.110, MVIP-90, and HMVIP standards.
An additional 250 mV of SPORT input hysteresis can be
enabled by setting Bit 15 of the PLL_CTL register. When this bit
is set, all SPORT input pins have the increased hysteresis.
SERIAL PERIPHERAL INTERFACE (SPI) PORT
The ADSP-BF531/ADSP-BF532/ADSP-BF533 processors have
an SPI-compatible port that enables the processor to communi-
cate with multiple SPI-compatible devices.
The SPI interface uses three pins for transferring data: two data
pins (master output-slave input, MOSI, and master input-slave
output, MISO) and a clock pin (serial clock, SCK). An SPI chip
select input pin (SPISS) lets other SPI devices select the proces-
sor, and seven SPI chip select output pins (SPISEL7–1) let the
processor select other SPI devices. The SPI select pins are recon-
figured general-purpose I/O pins. Using these pins, the SPI port
provides a full-duplex, synchronous serial interface which sup-
ports both master/slave modes and multimaster environments.
The baud rate and clock phase/polarities for the SPI port are
programmable, and it has an integrated DMA controller, con-
figurable to support transmit or receive data streams. The SPI
DMA controller can only service unidirectional accesses at any
given time.
The SPI port clock rate is calculated as:
where the 16-bit SPI_BAUD register contains a value of 2 to
65,535.
During transfers, the SPI port simultaneously transmits and
receives by serially shifting data in and out on its two serial data
lines. The serial clock line synchronizes the shifting and sam-
pling of data on the two serial data lines.
UART PORT
The ADSP-BF531/ADSP-BF532/ADSP-BF533 processors pro-
vide a full-duplex universal asynchronous receiver/transmitter
(UART) port, which is fully compatible with PC-standard
UARTs. The UART port provides a simplified UART interface
to other peripherals or hosts, supporting full-duplex, DMA-sup-
ported, asynchronous transfers of serial data. The UART port
includes support for 5 data bits to 8 data bits, 1 stop bit or 2 stop
bits, and none, even, or odd parity. The UART port supports
two modes of operation:
• PIO (programmed I/O) – The processor sends or receives
data by writing or reading I/O-mapped UART registers.
The data is double-buffered on both transmit and receive.
• DMA (direct memory access) – The DMA controller trans-
fers both transmit and receive data. This reduces the
number and frequency of interrupts required to transfer
data to and from memory. The UART has two dedicated
DMA channels, one for transmit and one for receive. These
DMA channels have lower default priority than most DMA
channels because of their relatively low service rates.
The baud rate, serial data format, error code generation and sta-
tus, and interrupts for the UART port are programmable.
The UART programmable features include:
• Supporting bit rates ranging from (fSCLK/1,048,576) bits per
second to (fSCLK/16) bits per second.
• Supporting data formats from seven bits to 12 bits per
frame.
• Both transmit and receive operations can be configured to
generate maskable interrupts to the processor.
The UART port’s clock rate is calculated as:
where the 16-bit UART_Divisor comes from the UART_DLH
register (most significant 8 bits) and UART_DLL register (least
significant 8 bits).
In conjunction with the general-purpose timer functions,
autobaud detection is supported.
The capabilities of the UART are further extended with support
for the Infrared Data Association (IrDA
®) serial infrared physi-
cal layer link specification (SIR) protocol.
GENERAL-PURPOSE I/O PORT F
The ADSP-BF531/ADSP-BF532/ADSP-BF533 processors have
16 bidirectional, general-purpose I/O pins on Port F (PF15–0).
Each general-purpose I/O pin can be individually controlled by
manipulation of the GPIO control, status and interrupt
registers:
• GPIO direction control register – Specifies the direction of
each individual PFx pin as input or output.
•GPIO control and status registers – The processor employs
a “write one to modify” mechanism that allows any combi-
nation of individual GPIO pins to be modified in a single
instruction, without affecting the level of any other GPIO
pins. Four control registers are provided. One register is
written in order to set GPIO pin values, one register is writ-
ten in order to clear GPIO pin values, one register is written
in order to toggle GPIO pin values, and one register is writ-
ten in order to specify GPIO pin values. Reading the GPIO
status register allows software to interrogate the sense of
the GPIO pin.
• GPIO interrupt mask registers – The two GPIO interrupt
mask registers allow each individual PFx pin to function as
an interrupt to the processor. Similar to the two GPIO
control registers that are used to set and clear individual
GPIO pin values, one GPIO interrupt mask register sets
bits to enable interrupt function, and the other GPIO inter-
rupt mask register clears bits to disable interrupt function.
SPI Clock Rate
fSCLK
2
SPI_BAUD
------------------------------------
=
UART Clock Rate
fSCLK
16
UART_Divisor
-----------------------------------------------
=


Similar Part No. - ADSP-BF533SKSTZ-5V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SKSTZ-5V AD-ADSP-BF533SKSTZ-5V Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
More results

Similar Description - ADSP-BF533SKSTZ-5V

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-BF533SBBC-500 AD-ADSP-BF533SBBC-500 Datasheet
2Mb / 64P
   Blackfin Embedded Processor
Rev. I
ADSP-BF531 AD-ADSP-BF531 Datasheet
671Kb / 56P
   Blackfin Embedded Processor
REV. 0
ADSP-BF538 AD-ADSP-BF538 Datasheet
3Mb / 56P
   Blackfin Embedded Processor
Rev. PrD
ADSP-BF538 AD-ADSP-BF538_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF538F AD-ADSP-BF538F_15 Datasheet
3Mb / 60P
   Blackfin Embedded Processor
Rev. E
ADSP-BF527 AD-ADSP-BF527_15 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
ADSP-BF544 AD-ADSP-BF544_15 Datasheet
3Mb / 102P
   Blackfin Embedded Processor
Rev. E
ADSP-BF539 AD-ADSP-BF539 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
Rev. PrF
ADSP-BF534 AD-ADSP-BF534_08 Datasheet
1Mb / 68P
   Blackfin Embedded Processor
Rev. E
ADSP-BF516BSWZ-4 AD-ADSP-BF516BSWZ-4 Datasheet
2Mb / 68P
   Blackfin Embedded Processor
REV. B
ADSP-BF522 AD-ADSP-BF522 Datasheet
2Mb / 88P
   Blackfin Embedded Processor
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com