Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB1987M Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LB1987M
Description  Three-Phase Brushless Motor Driver for VCR Capstan Motors
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB1987M Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LB1987M Datasheet HTML 1Page - Sanyo Semicon Device LB1987M Datasheet HTML 2Page - Sanyo Semicon Device LB1987M Datasheet HTML 3Page - Sanyo Semicon Device LB1987M Datasheet HTML 4Page - Sanyo Semicon Device LB1987M Datasheet HTML 5Page - Sanyo Semicon Device LB1987M Datasheet HTML 6Page - Sanyo Semicon Device LB1987M Datasheet HTML 7Page - Sanyo Semicon Device LB1987M Datasheet HTML 8Page - Sanyo Semicon Device LB1987M Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Ordering number : ENN6109A
81299RM (OT) No. 6109-1/17
Overview
The LB1987, LB1987D, LB1987M, and LB1987H are
optimal capstan motor drivers for use in VCR sets.
Functions
• Three-phase full-wave current-linear drive
• Torque ripple correction circuit (fixed correction ratio)
• Current limiter circuit with control characteristics gain
switching
• Oversaturation prevention circuits for both the upper and
lower sides of the output stage (No external capacitors
are required.)
• FG amplifier
• Thermal shutdown circuit
Package Dimensions
unit: mm
3240-QFP34H-B
3147B-DIP28H
3129-MFP36S-LF
3233-HSOP28H
1
14
28
15
0.6
27.0
20.0
R1.7
1.93
1.78
1.0
SANYO: DIP28H
[LB1987D]
0.25
15.3
118
36
19
0.85
0.4
0.8
SANYO: MFP36S-LF
[LB1987M]
6.2
28
15
114
0.8
15.3
2.7
0.3
0.25
0.85
SANYO: HSOP28H
[LB1987H]
34
16
7
17
18
23
24
13.2
10.0
0.8
4.8
1.0
1.6
4.0
0.2
SANYO: QFP34H-B
[LB1987]
LB1987, 1987D, 1987M, 1987H
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Three-Phase Brushless Motor Driver
for VCR Capstan Motors
Monolithic Digital IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Similar Part No. - LB1987M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
   3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
logo
ON Semiconductor
LB1980H ONSEMI-LB1980H Datasheet
111Kb / 7P
   3-Phase Brushless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1980H SANYO-LB1980H_07 Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
More results

Similar Description - LB1987M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1999M SANYO-LB1999M Datasheet
119Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H Datasheet
140Kb / 8P
   Three-Phase Brushless Motor Driver for VCR Capstan Motors
LB1991V SANYO-LB1991V Datasheet
179Kb / 7P
   Three-Phase Brushless Motor Driver for Portable VCR Capstan Motors
LB1980 SANYO-LB1980 Datasheet
167Kb / 6P
   3-Phase Brushless Motor Driver for VCR Capstan Motors
LB1980H SANYO-LB1980H_07 Datasheet
111Kb / 7P
   For VCR Capstan Motors 3-Phase Brushless Motor Driver
LB11889M SANYO-LB11889M Datasheet
94Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
   VCR Capstan Motor Brushless Motor Driver
LB1951V SANYO-LB1951V Datasheet
211Kb / 9P
   3-Phase Brushless Motor Driver for Portable VCR Capstan Use
logo
ON Semiconductor
LB11873-TRM-E ONSEMI-LB11873-TRM-E Datasheet
159Kb / 14P
   For Polygonal Mirror Motors Three-Phase Brushless Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com