Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMLM0205 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLM0205
Description  SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLM0205 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLM0205_10 Datasheet HTML 1Page - Central Semiconductor Corp CMLM0205_10 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CMLM0205
Multi Discrete Module
SURFACE MOUNT
N-CHANNEL MOSFET AND
LOW VF SILICON SCHOTTKY DIODE
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CMLM0205 is a
Multi Discrete Module™ consisting of a single
N-Channel MOSFET and a Low VF Schottky diode
packaged in a space saving PICOmini™ SOT-563
case. This device is designed for small signal general
purpose applications where size and operational
efficiency are prime requirements.
• Combination: N-Channel MOSFET and
Low VF Schottky Diode.
MARKING CODE: C25
MAXIMUM RATINGS - CASE: (TA=25°C)
SYMBOL
UNITS
Power Dissipation
PD
350
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
357
°C/W
MAXIMUM RATINGS - Q1: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
60
V
Drain-Gate Voltage
VDG
60
V
Gate-Source Voltage
VGS
40
V
Continuous Drain Current
ID
280
mA
Continuous Source Current (Body Diode)
IS
280
mA
Maximum Pulsed Drain Current
IDM
1.5
A
Maximum Pulsed Source Current
ISM
1.5
A
MAXIMUM RATINGS - D1: (TA=25°C)
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
VRRM
40
V
Continuous Forward Current
IF
500
mA
Peak Repetitive Forward Current, tp
≤1.0ms
IFRM
3.5
A
Peak Forward Surge Current, tp = 8.0ms
IFSM
10
A
ELECTRICAL CHARACTERISTICS - Q1: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
IGSSF, IGSSR
VGS=20V, VDS=0
100
nA
IDSS
VDS=60V, VGS=0
1.0
μA
IDSS
VDS=60V, VGS=0, TJ=125°C
500
μA
ID(ON)
VGS=10V, VDS=10V
500
mA
BVDSS
VGS=0, ID=10μA
60
V
VGS(th)
VDS=VGS, ID=250μA
1.0
2.5
V
VDS(ON)
VGS=10V, ID=500mA
1.0
V
VDS(ON)
VGS=5.0V, ID=50mA
0.15
V
VSD
VGS=0, IS=400mA
1.2
V
rDS(ON)
VGS=10V, ID=500mA
2.0
Ω
rDS(ON)
VGS=10V, ID=500mA, TJ=125°C
3.5
Ω
SOT-563 CASE
R1 (18-January 2010)
www.centr a lsemi.com


Similar Part No. - CMLM0205_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM0205 CENTRAL-CMLM0205_15 Datasheet
522Kb / 3P
   LOW VF SCHOTTKY DIODE
More results

Similar Description - CMLM0205_10

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLM0305 CENTRAL-CMLM0305 Datasheet
592Kb / 2P
   SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0305T CENTRAL-CMLM0305T Datasheet
591Kb / 2P
   SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0574 CENTRAL-CMLM0574 Datasheet
592Kb / 2P
   SURFACE MOUNT SILICON N-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE
CMLM0575 CENTRAL-CMLM0575 Datasheet
590Kb / 2P
   SURFACE MOUNT SILICON N-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE
CMLM0585 CENTRAL-CMLM0585 Datasheet
661Kb / 2P
   SURFACE MOUNT SILICON P-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE
CMLM0584 CENTRAL-CMLM0584 Datasheet
663Kb / 2P
   SURFACE MOUNT SILICON P-CHANNEL MOSFET AND LOW VF SCHOTTKY DIODE
CMLM8205 CENTRAL-CMLM8205 Datasheet
589Kb / 2P
   SURFACE MOUNT P-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CMLM0205 CENTRAL-CMLM0205 Datasheet
107Kb / 2P
   MULTI DISCRETE MODULE??SURFACE MOUNT N-CHANNEL MOSFET AND LOW VF SILICON SCHOTTKY DIODE
CTLM7110-M832D CENTRAL-CTLM7110-M832D Datasheet
539Kb / 2P
   SURFACE MOUNT N-CHANNEL ENHANCEMENT-MODE SILICON MOSFET AND LOW VF SILICON SCHOTTKY RECTIFIER
CFSH01-30L CENTRAL-CFSH01-30L Datasheet
358Kb / 2P
   SURFACE MOUNT SILICON LOW VF SCHOTTKY DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com