Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM25Q16 Datasheet(PDF) 10 Page - FIDELIX

Part # FM25Q16
Description  16M-BIT Serial Flash memory with 4KB Sectors, Dual and Quad I/O SPI
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FIDELIX [FIDELIX]
Direct Link  http://www.fidelix.co.kr
Logo FIDELIX - FIDELIX

FM25Q16 Datasheet(HTML) 10 Page - FIDELIX

Back Button FM25Q16 Datasheet HTML 6Page - FIDELIX FM25Q16 Datasheet HTML 7Page - FIDELIX FM25Q16 Datasheet HTML 8Page - FIDELIX FM25Q16 Datasheet HTML 9Page - FIDELIX FM25Q16 Datasheet HTML 10Page - FIDELIX FM25Q16 Datasheet HTML 11Page - FIDELIX FM25Q16 Datasheet HTML 12Page - FIDELIX FM25Q16 Datasheet HTML 13Page - FIDELIX FM25Q16 Datasheet HTML 14Page - FIDELIX Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 62 page
background image
Rev.06 (Aug.18. 2010)
10
FM25Q16
9. BLOCK DIAGRAM
xxFF 00h
xxF 000h
xxFFFFh
xxF 0FFh
Sector 15
(4KB)
xxEF 00h
xxE 000 h
xxEFFFh
xxE 0FFh
Sector 14
(4KB)
xxDF 00h
xxD 000 h
xxDFFFh
xxD 0FFh
Sector 13
(4KB)
xx2F00h
xx 2000 h
xxFFFFh
xxF 0FFh
Sector 2 (4KB)
xx1F00h
xx 1000 h
xx1FFFh
xx10FFh
Sector 1 (4KB)
xx0F00h
xx 0000 h
xx0FFFh
xx00FFh
Sector 0 (4KB)
Write
Control
Logic
Status
Register
SPI
Command and
Control Logic
High Voltage
Generators
Page Address
Latch / Counter
Byte Address
Latch / Counter
Column Decode
and 256 Byte Page buffer
Block Segmentation
/WP (IO2)
/HOLD (IO3)
CLK
CS
DI (IO0)
DO (IO
1)
Data
1FFF 00h
1FF000 h
1FFFFFh
1FF0FFh
Block 31 (64KB )
10FF 00h
100000 h
10FFFFh
1000 FFh
Block 16 (64 KB)
0FFF 00h
0F0000 h
0FFFFFh
0F00FFh
Block 15 (64KB )
08FF00h
080000 h
08FFFFh
0800 FFh
Block 8 (64 KB)
07FF00h
070000 h
07FFFFh
0700 FFh
Block 7 (64 KB)
00FF00h
000000 h
00FFFFh
0000 FFh
Block 0*
(64 KB)
Beginning
Page Address
Ending
Page
Address
xxFF 00h
xxF 000h
xxFFFFh
xxF 0FFh
Sector 15
(4KB)
xxEF 00h
xxE 000 h
xxEFFFh
xxE 0FFh
Sector 14
(4KB)
xxDF 00h
xxD 000 h
xxDFFFh
xxD 0FFh
Sector 13
(4KB)
xx2F00h
xx 2000 h
xxFFFFh
xxF 0FFh
Sector 2 (4KB)
xx1F00h
xx 1000 h
xx1FFFh
xx10FFh
Sector 1 (4KB)
xx0F00h
xx 0000 h
xx0FFFh
xx00FFh
Sector 0 (4KB)
Write
Control
Logic
Status
Register
SPI
Command and
Control Logic
High Voltage
Generators
Page Address
Latch / Counter
Byte Address
Latch / Counter
Column Decode
and 256 Byte Page buffer
Block Segmentation
xxFF 00h
xxF 000h
xxFFFFh
xxF 0FFh
Sector 15
(4KB)
xxEF 00h
xxE 000 h
xxEFFFh
xxE 0FFh
Sector 14
(4KB)
xxDF 00h
xxD 000 h
xxDFFFh
xxD 0FFh
Sector 13
(4KB)
xx2F00h
xx 2000 h
xxFFFFh
xxF 0FFh
Sector 2 (4KB)
xx1F00h
xx 1000 h
xx1FFFh
xx10FFh
Sector 1 (4KB)
xx0F00h
xx 0000 h
xx0FFFh
xx00FFh
Sector 0 (4KB)
Write
Control
Logic
Status
Register
SPI
Command and
Control Logic
High Voltage
Generators
Page Address
Latch / Counter
Byte Address
Latch / Counter
Column Decode
and 256 Byte Page buffer
Block Segmentation
/WP (IO2)
/HOLD (IO3)
CLK
CS
DI (IO0)
DO (IO
1)
Data
1FFF 00h
1FF000 h
1FFFFFh
1FF0FFh
Block 31 (64KB )
10FF 00h
100000 h
10FFFFh
1000 FFh
Block 16 (64 KB)
0FFF 00h
/WP (IO2)
/HOLD (IO3)
CLK
CS
DI (IO0)
DO (IO
1)
Data
1FFF 00h
1FF000 h
1FFFFFh
1FF0FFh
Block 31 (64KB )
10FF 00h
100000 h
10FFFFh
1000 FFh
Block 16 (64 KB)
0FFF 00h
0F0000 h
0FFFFFh
0F00FFh
Block 15 (64KB )
08FF00h
080000 h
08FFFFh
0800 FFh
Block 8 (64 KB)
07FF00h
070000 h
07FFFFh
0700 FFh
Block 7 (64 KB)
00FF00h
000000 h
00FFFFh
0000 FFh
Block 0*
(64 KB)
0F0000 h
0FFFFFh
0F00FFh
Block 15 (64KB )
08FF00h
080000 h
08FFFFh
0800 FFh
Block 8 (64 KB)
07FF00h
070000 h
07FFFFh
0700 FFh
Block 7 (64 KB)
00FF00h
000000 h
00FFFFh
0000 FFh
Block 0*
(64 KB)
Beginning
Page Address
Ending
Page
Address


Similar Part No. - FM25Q16

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
   8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
   64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
More results

Similar Description - FM25Q16

ManufacturerPart #DatasheetDescription
logo
FIDELIX
FM25Q64 FIDELIX-FM25Q64 Datasheet
2Mb / 61P
   64M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
FM25Q32 FIDELIX-FM25Q32 Datasheet
2Mb / 61P
   32M-BIT Serial Flash Memory with 4KB Sectors, Dual and Quad I/O SPI
logo
Winbond
W25X40CLUXIG-TR WINBOND-W25X40CLUXIG-TR Datasheet
1Mb / 53P
   SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X16A WINBOND-W25X16A Datasheet
1Mb / 48P
   16M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X16BV WINBOND-W25X16BV Datasheet
1Mb / 47P
   16M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X05CLUXIG-TR WINBOND-W25X05CLUXIG-TR Datasheet
1Mb / 47P
   1M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X20CLUXIG-TR WINBOND-W25X20CLUXIG-TR Datasheet
1Mb / 50P
   2M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25Q40CL WINBOND-W25Q40CL Datasheet
3Mb / 65P
   SERIAL FLASH MEMORY WITH 4KB SECTORS, DUAL AND QUAD SPI
W25X40BL WINBOND-W25X40BL Datasheet
780Kb / 55P
   2.5V 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
logo
FIDELIX
FM25Q08 FIDELIX-FM25Q08 Datasheet
2Mb / 62P
   8M-BIT Serial Flash Menory with 4KB Sectors, Dual and Quad I/O SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com