Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VF-S250-09A Datasheet(PDF) 3 Page - CUI INC

Part # VF-S250-09A
Description  switching power supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VF-S250-09A Datasheet(HTML) 3 Page - CUI INC

  VF-S250-09A Datasheet HTML 1Page - CUI INC VF-S250-09A Datasheet HTML 2Page - CUI INC VF-S250-09A Datasheet HTML 3Page - CUI INC VF-S250-09A Datasheet HTML 4Page - CUI INC VF-S250-09A Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
rev.
page
date
DESCRIPTION: switching power supply
3 of 5
01/2011
20050
SW 112th Ave. Tualatin, Oregon 97062
phone
phone 503.612.2300 fax
www.v-infinity.com
fax 503.612.2383
PART NUMBER: VF-S250-XXA
GENERAL AND SAFETY
parameter
conditions/description
min
nom
max
units
operating temp.
0 to 70ºC ambient, de-rating at 2.5% per degree
0
50
ºC
from 50ºC to 70ºC.
storage temp.
-20
85
ºC
operating humid.
Non-condensing
5%
90%
RH
storage humid.
Non-condensing
5%
95%
RH
EMI
CISPR 22/EN55022 class B, EN61000-3-2, 3,
EN61000-4-2, 3, 4, 5, 6, 8, 11, EN55024 CE marked (LVD)
safety
UL60950-1, CSA C22.2 No. 60950-1, TUV EN60950-1 and CB
leakage Current
Regular type 1.5mA @ 240VAC, (optional for 500uA @ 240VAC
1.5
mA
300uA @ 120VAC)
vibration
Acceleration ± 7.35 M/(SxS), on X, Y and Z Axis
5
50
Hz
fan drive
12 Vdc/300mA is available to drive an external fan.
isolation voltage
Applied for 3 seconds at 10 mA max.
(HI-POT)
Primary to secondary:
3,000
V ac
Primary to transformer core:
1,500
V ac
Primary to earth chassis:
1,500
V ac
grounding test
Allowable resistance measured when 25 A current is
0.1
Ω
applied from the ground pin of the three prong plug
to the farthest earthed connection point.
warranty
Standard warranty length
2
years
MTBF
According to MIL-HDBK-217 at 30 ºC
100,000
hours
burn-in
Full load, at 45 ± 5 ºC, 230 VAC.
1
hours
remote on/off
Designated as RMSW on the CN1, requires a low signal
to inhibit ouput. Hiccough mode.
MECHANICAL
parameter
conditions/description
min
nom
max
units
weight
400
grams
enclosure
5(L) x 3.2(W) x 1.5(H)
inches
LOGIC CONNECTOR - (CN1)
parameter
conditions/description
logic
JS B7B-XH-A
Suggested mating connector: JST XHP-3 or equivalent (CHYAO SHIUNN JS-2001-03)
pin assignments:
1. Power good
2. Remote switch
3. RTN


Similar Part No. - VF-S250-09A

ManufacturerPart #DatasheetDescription
logo
CUI INC
VF-S250-09A CUI-VF-S250-09A Datasheet
221Kb / 5P
   passive power factor correction
VF-S250-09A CUI-VF-S250-09A Datasheet
670Kb / 5P
   AC-DC POWER SUPPLY
04/26/2021
VF-S250-09A-CF CUI-VF-S250-09A-CF Datasheet
336Kb / 5P
   AC-DC POWER SUPPLY
More results

Similar Description - VF-S250-09A

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SDURD320 SMC-SDURD320 Datasheet
187Kb / 5P
   Switching Power Supply
MBR1080 SMC-MBR1080 Datasheet
252Kb / 6P
   Switching power supply
62CNQ030 SMC-62CNQ030 Datasheet
232Kb / 5P
   Switching power supply
logo
Sparkle Power Inc.
FSP065-AAB SPI-FSP065-AAB Datasheet
115Kb / 7P
   Switching Power Supply
FSP090-1ADC21 SPI-FSP090-1ADC21 Datasheet
130Kb / 7P
   Switching Power Supply
logo
CUI INC
EPSA050120UB CUI-EPSA050120UB Datasheet
204Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250U_1009 CUI-EPSA050250U_1009 Datasheet
238Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UB CUI-EPSA050250UB Datasheet
203Kb / 4P
   SWITCHING POWER SUPPLY
EPSA050250UE CUI-EPSA050250UE Datasheet
196Kb / 4P
   SWITCHING POWER SUPPLY
EPSA120150UB CUI-EPSA120150UB Datasheet
201Kb / 4P
   SWITCHING POWER SUPPLY
EMSA18W CUI-EMSA18W Datasheet
251Kb / 5P
   SWITCHING POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com