Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB120 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SB120
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB120 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SB120 Datasheet HTML 1Page - Pan Jit International Inc. SB120 Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAGE . 2
STAD-MAR.18.2009
1
SB120~SB160
RATING AND CHARACTERISTIC CURVES
Fig.1-FORWARD CURRENT DERATING CURVE
NO. OF CYCLE AT 60Hz
LEAD TEMPERATURE, C
o
110
100
0
5
10
15
20
25
30
Fig.2- MAXIMUM NON-REPETITIVEPEAKFORWARD
SURGE CURRENT
1.0
.50
0
SINGLEPHASEHALFWAVE60Hz
RESISTIVEORINDUCTIVELOAD
P.C.B MOUNTED
ON 0.2 X
X
0.2"( 5.0 5.0mm)
COPPERPADAREAS
.25
.75
0
75
100
125
150
175
25
50
=20-30V
=40-60V
Fig.4-TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTIC
Fig.3-TYPICAL REVERSE CHARACTERISTIC
FORWARD VOLTAGE , VOLTS
0
0.01
0.1
1.0
10
0.2
0.4
0.6
0.8
1.0
20-40V
50-60V
T= 25 C
A
O
20
10
-2
10
-1
10
0
10
1
10
2
10
3
10
4
10
5
40
60
80
100
T=25 C
J
O
PERCENT OF RATED PEAK REVERSE VOLTAGE ,%
T=75 C
J
O
T =125 C
J
O


Similar Part No. - SB120

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB120 VISHAY-SB120 Datasheet
70Kb / 4P
   Schottky Barrier Rectifier
Revision: 16-Oct-09
logo
Pan Jit International I...
SB120 PANJIT-SB120 Datasheet
45Kb / 2P
   1 AMPERE SCHOTTKY BARRIER RECTIFIERS(VOLTAGE 50 to 100 Volts CURRENT - 1.0 Ampere)
logo
SAMYANG ELECTRONICS CO....
SB120 SAMYANG-SB120 Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SB120 UTC-SB120 Datasheet
119Kb / 3P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB120 VISHAY-SB120 Datasheet
109Kb / 2P
   Schottky Barrier Rectifier
04-Jun-03
More results

Similar Description - SB120

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com