Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA6.5A Datasheet(PDF) 4 Page - Pan Jit International Inc.

Part # SA6.5A
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SA6.5A Datasheet(HTML) 4 Page - Pan Jit International Inc.

  SA6.5A Datasheet HTML 1Page - Pan Jit International Inc. SA6.5A Datasheet HTML 2Page - Pan Jit International Inc. SA6.5A Datasheet HTML 3Page - Pan Jit International Inc. SA6.5A Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PAGE . 4
STAD-SEP.02.2008
SA5.0~SA220CA
100
10
1.0
0.1
0.1US
1.0m s
10m s
td
SEC
,PULSE WIDTH,
FIGURE 1-PEAK PULSE POWER RATING VERSUS
PULSE TIME CURVE
100
75
50
25
0
125
150
175
200
25
50
75
100
0
1.0US
10US
100US
No n-Re p e titve
Pulse Wa vefom
Sho wninFlg ure 3
TA= 25 C
TA
,AMBIENT TEMPERATUER, C
FIGURE2-PULSEDERATINGC URVE
t, TIME,m s
FIGURE 3-PULSE WAVEFORM
0
1.0
2.0
3.0
4.0
0
50
100
150
TA= 25 C
Pulse Wid th (td ) is De fine d
a s the Point Where t he Pe a k
Curre nt De c a ys to 5 0% o f Ip p
tf= 10 u se c
10/1000 u se c Wa ve fo rm
as De fine d b ye R.E.A.
Pe a k Va lue
Ip p m
Ha lf Va lue -Ip p
2
e-kt
1.0
2.0
10
20
100
200
100
1,000
V( ), BREAKDOWN VOLTAGE, VOLTS
BR
FIG.4-TYPICALJUNCTIONCAPACITANCE
UNIDIRECTIONAL
Tj= 25 C
f= 1.0MHZ
Vsig = 50m Vp -p
Me a sure d a t
Stand- Off
Vo lta he (V
)
MW
1
Tj= Tj m a x
8.3msSINGLEHALFsinc e -WAVE
JEDEC M ETHOD
10
20
40
60
80
200
400
600
800
2,000
4,000
6,000
Me a sure d a t
Ze ro Bia s
10
50
100
70
200
10
5
50
100
td
NUMBER OF CYCLES AT 60 Hz
FIG.5-MAXIMUM NON-REPETITEVE
PEAK FORWARD SURGE CURRENT
UNIDIRECTIONAL


Similar Part No. - SA6.5A

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SA6.5A TSC-SA6.5A Datasheet
320Kb / 7P
   500 Watts Transient Voltage Suppressor
logo
Motorola, Inc
SA6.5A MOTOROLA-SA6.5A Datasheet
50Kb / 3P
   MOSORB ZENER OVERVOLTAGE TRANSIENT SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA6.5A TSC-SA6.5A Datasheet
645Kb / 5P
   500 Watts Transient Voltage Suppressor Diodes
logo
SUNMATE electronic Co.,...
SA6.5A SUNMATE-SA6.5A Datasheet
223Kb / 4P
   500 Watts Axial Leaded Transient Voltage Suppressors
logo
GOOD-ARK Electronics
SA6.5A GOOD-ARK-SA6.5A Datasheet
410Kb / 6P
   Transient Voltage Suppressors
More results

Similar Description - SA6.5A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE PANJIT-P6KE_09 Datasheet
87Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
P4KE PANJIT-P4KE_08 Datasheet
104Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR POWER
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Chenmko Enterprise Co. ...
P6KE6.8PT CHENMKO-P6KE6.8PT Datasheet
108Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com