Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC19001A010 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC19001A010
Description  Digitizer Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC19001A010 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC19001A010 Datasheet HTML 1Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 2Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 3Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 4Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 5Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 6Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 7Page - Sanyo Semicon Device LC19001A010 Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Overview
The LC19001A010 provides rapid and precise position
detection for the resistive membrane pressure-sensitive
digitizers used in PDAs and other portable information-
processing equipment. It implements, in a single chip, the
coordinate readout processing required for pen input
operations.
This controller provides the following functions: digitizer
voltage A/D conversion, noise exclusion, conversion to
display coordinates, and data transfer to the host CPU.
Features
• Detects input coordinate values from resistive membrane
pressure-sensitive digitizers at readout speeds up to 190
points per second using a 10-bit A/D converter.
• Compact size, low power, and the 3.3 V power supply
operation appropriate for PDAs and other portable
information-processing equipment
• Menu area registration, duplicate coordinate processing,
and 4-byte packets reduce the host CPU processing load.
• Logical exclusion of abnormal coordinates and averaging
processing to remove both pen chattering noise and
noise from the LCD system
• Controller functions can be programmed by sending
command data from the host CPU.
Package Dimensions
unit: mm
3326-LQFP80
CMOS LSI
Ordering number : EN*5560B
O3096HA (OT) No. 5560-1/8
Preliminary
SANYO: LQFP80
[LC19001A010]
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110 JAPAN
Digitizer Controller
LC19001A010


Similar Part No. - LC19001A010

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC190Z SEOUL-LC190Z Datasheet
390Kb / 12P
   GREEN OVAL LAMP LED
More results

Similar Description - LC19001A010

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
UR7HCTS2-U860 SEMTECH-UR7HCTS2-U860 Datasheet
107Kb / 12P
   High-Performance USB Touch Screen Controller / Digitizer
UR7HCTS2-S840 SEMTECH-UR7HCTS2-S840 Datasheet
157Kb / 16P
   High-Performance, Low Power Touch Screen Controller/Digitizer
UR7HCTS2-P840 SEMTECH-UR7HCTS2-P840 Datasheet
179Kb / 16P
   High-Performance, Low Power PS/2 Touch Screen Controller/Digitizer
logo
Fairchild Semiconductor
TMC2072 FAIRCHILD-TMC2072 Datasheet
160Kb / 21P
   Genlocking Video Digitizer
TMC22071A FAIRCHILD-TMC22071A Datasheet
125Kb / 24P
   Genlocking Video Digitizer
logo
Analog Devices
AD7873 AD-AD7873_15 Datasheet
657Kb / 29P
   Touch Screen Digitizer
Rev. F
AD7873ACP-REEL7 AD-AD7873ACP-REEL7 Datasheet
600Kb / 29P
   Touch Screen Digitizer
REV. F
AD7873ARQZ AD-AD7873ARQZ Datasheet
600Kb / 29P
   Touch Screen Digitizer
Rev. F
logo
Cadeka Microcircuits LL...
TMC22071A CADEKA-TMC22071A Datasheet
229Kb / 24P
   Genlocking Video Digitizer
logo
Analog Devices
AD7873 AD-AD7873 Datasheet
657Kb / 28P
   Touch Screen Digitizer
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com