Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB2045LFCT Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB2045LFCT
Description  DUAL HIGH-VOLTAGE SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB2045LFCT Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB2045LFCT Datasheet HTML 1Page - Pan Jit International Inc. SB2045LFCT Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
May 13,2010-REV.01
SB2045LFCT
DUAL HIGH-VOLTAGE SCHOTTKY RECTIFIER
VOLTAGE
45 Volts
20 Amperes
FEATURES
• Low forward voltage drop, low power losses
• High efficiency operation
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case : ITO-220AB, Plastic
Terminals : Solderable per MIL-STD-750, Method 2026
Weight: 0.055 ounces, 1.5615 grams
CURRENT
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
ELECTRICAL CHARACTERISTICS(TA=25oC unless otherwise noted)
Note.1.Pulse test : 300
μs pulse width, 1% duty cycle
2.Pulse test : pulse width < 40ms
.027(.67)
.022(.57)
PARAMETER
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
VRRM
45
V
Maximum average forward rectified current
per device
per diode
I F(AV)
20
10
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load per diode
per diode
I FSM
145
A
Typ i c a l t her m a l r e si st ance
RΘJC
4. 5
O C / W
Operating junction
TJ
-55 to + 125
oC
Storage temperature range
TSTG
-55 to + 150
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Breakdown voltage
VBR
I R=1mA
50
-
-
V
Instantaneous forward voltage per
diode (1)
VF
I F=5A
I F=10A
TJ=25oC
-
-
0.42
0.46
0.46
0.52
V
Reverse current per diode (2)
I R
VR=45V
TJ=25oC
TJ=100oC
-
-
100
-
500
100
μA
mA


Similar Part No. - SB2045LFCT

ManufacturerPart #DatasheetDescription
logo
ASEMI TECHNOLOGY., LTD
SB2045LFCT ASEMI-SB2045LFCT Datasheet
838Kb / 5P
   20 Ampere low vf Schottky diode
2018.11 Rev.3.1
More results

Similar Description - SB2045LFCT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MBR20200CT FAIRCHILD-MBR20200CT_10 Datasheet
230Kb / 4P
   Dual High Voltage Schottky Rectifier
logo
Pan Jit International I...
SB10100LFCT PANJIT-SB10100LFCT Datasheet
79Kb / 2P
   DUAL HIGH-VOLTAGE SCHOTTKY RECTIFIER
SB3060LCT PANJIT-SB3060LCT Datasheet
75Kb / 2P
   DUAL HIGH-VOLTAGE SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
MBR20100CT FAIRCHILD-MBR20100CT Datasheet
232Kb / 4P
   Dual High Voltage Schottky Rectifier
logo
Pan Jit International I...
SB10100LCT PANJIT-SB10100LCT Datasheet
76Kb / 2P
   DUAL HIGH-VOLTAGE SCHOTTKY RECTIFIER
SB30100LCT PANJIT-SB30100LCT Datasheet
93Kb / 2P
   DUAL HIGH-VOLTAGE SCHOTTKY RECTIFIER
SB3030LCT PANJIT-SB3030LCT Datasheet
77Kb / 2P
   DUAL HIGH-VOLTAGE SCHOTTKY RECTIFIER
logo
Taiwan Semiconductor Co...
TSF20U100C TSC-TSF20U100C Datasheet
215Kb / 4P
   Dual High-Voltage Trench Schottky Rectifier
TST20U100C TSC-TST20U100C Datasheet
186Kb / 4P
   Dual High-Voltage Trench Schottky Rectifier
TSF20U80C TSC-TSF20U80C Datasheet
238Kb / 4P
   Dual High-Voltage Trench Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com