Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

15K1A513 Datasheet(PDF) 2 Page - CONEC Elektronische Bauelemente GmbH

Part # 15K1A513
Description  D-SUB HD FEMALE 90
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

15K1A513 Datasheet(HTML) 2 Page - CONEC Elektronische Bauelemente GmbH

  15K1A513 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH 15K1A513 Datasheet HTML 2Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
A
A
B
B
C
C
D
D
E
E
F
F
A
A
B
B
C
C
D
D
P.C.B. EDGE
FRONTPANEL
dim. in mm
R
date
drawn
Inventor 10
d-old
norm
appd.
tolerance
material:
title:
dwg no:
DIN-
sh:
part no:
name
date
name
description
rev.
scale:
CUSTOMER APPROVAL DATE:
NAME:
TITLE:
COMPANY NAME:
APPROVAL # FREIGABE # DEBLOCAGE # AUTORIZACION # APPROVAL
APPROVAL # FREIGABE # DEBLOCAGE # AUTORIZACION # APPROVAL
15K1A513
A3
2
P.C.B. HOLE DRILLINGS
see sheet 1
Schmidt
24.11.09
27.11.09
Fischer
PANEL CUT-OUT
D-SUB HD Female 26pos. Solder pin angled 90°
5:1
see sheet 1
aOrigin
1
3,1 `0,1
n
(2x)
6,881 `0,03
9,779 `0,1
19,431 `0,05
1,143 `0,1
2,286 `0,1
0,9 - 0
0,1
+
n
(26x)
33,32 - 0,12
0,13
+
28,8 `0,1
i 0,26 B
i 0,26 A
10° `
33,32 `0,1
B
A
RECOMMENDED PANEL CUT-OUT
P.C.B. HOLE DRILLINGS
(P.C.B. TOP SIDE)


Similar Part No. - 15K1A513

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
15K1A513 CONEC-15K1A513 Datasheet
755Kb / 2P
   D-SUB HD FEMALE 90° 26pos. SOLDER PIN ANGLED metal bracket, fixing-plate, hexlocking screw, snap
27.11.09
More results

Similar Description - 15K1A513

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
15K1A514 CONEC-15K1A514 Datasheet
292Kb / 2P
   D-SUB HD FEMALE 90
15K1A500 CONEC-15K1A500 Datasheet
258Kb / 2P
   D-SUB HD FEMALE 90
15K1A304 CONEC-15K1A304 Datasheet
267Kb / 2P
   D-SUB FEMALE HD
15K1A498 CONEC-15K1A498 Datasheet
183Kb / 2P
   D-SUB HD MALE 90
15K1A509 CONEC-15K1A509 Datasheet
256Kb / 2P
   D-SUB HD MALE 90
15K1A273 CONEC-15K1A273 Datasheet
235Kb / 2P
   D-SUB FEMALE HD
15K1A278 CONEC-15K1A278 Datasheet
240Kb / 2P
   D-SUB FEMALE HD
164X11949X CONEC-164X11949X Datasheet
46Kb / 1P
   D-SUB HD FEMALE
15K1A281 CONEC-15K1A281 Datasheet
224Kb / 2P
   D-SUB FEMALE HD
15K1A267 CONEC-15K1A267 Datasheet
254Kb / 2P
   D-SUB FEMALE HD
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com