Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB3030ST Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB3030ST
Description  SCHOTTKY BARRIER RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB3030ST Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB3030ST Datasheet HTML 1Page - Pan Jit International Inc. SB3030ST Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
August 30,2010-REV.03
SB3020ST SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Exceeds environmental standards of
MIL-S-19500/228
• Low power loss, high efficiency.
• Low forward voltage, high current capability
• High surge capacity.
• For use in low voltage,high frequency inverters
free wheeling , and polarlity protection applications.
• In compliance with EU RoHS 2002/95/EC directives
SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
20 to 60 Volts
30 Amperes
CURRENT
MECHANICAL DATA
• Case: TO-247S/TO-3PS Molded plastic
• Terminals: Solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Standard packaging: Any
• Weight: 0.1932 ounces, 5.4803 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
NOTE:
Both Bonding and Chip structure are available.
PA RA M E TE R
S YMB O L SB 3020S T SB 3030S T S B 3040S T S B 3045S T SB 3050S T S B 3060ST
UNITS
M a xi mum Re c ur rent Pe ak Re ve r s e Vo lt a g e
V
RRM
20
3 0
40
4 5
50
6 0
V
Ma xi mum RMS Vo lt a g e
V
RMS
1 4
21
28
31 . 5
35
4 2
V
Ma xi mum D C B lo c k i ng Vo lt a g e
V
DC
20
3 0
40
4 5
50
6 0
V
M a xi mum A ver a ge F o r war d C urr e nt at
T c = 7 5 OC
I
F( AV )
30 . 0
A
P e a k F o r war d S ur g e C ur r e nt : 8. 3m s s i ng le
ha lf s i ne - wave s uper i m po s e d on r a t ed lo ad
( J ED EC m e t hod )
I
FSM
275
A
M a xi mum F o r war d Vo lt ag e at 1 5 A pe r le g
V
F
0. 55
0. 70
V
Ma xi mum D C Re ve rs e C urre nt a t
Ra t e d D C B loc k i ng Vo lta g e
T
J =2 5
O C
T
J =1 0 0
OC
I
R
0. 2
50
mA
Typi c a l Ther m a l Re s i s t anc e
R
JC
1. 5
O C / W
O p e r at i ng J unc t i on Te mp er at ur e Ra ng e
T
J
- 5 5 t o + 1 25
- 5 5 t o + 150
OC
S t or a ge Te m p e ra t ur e Ra ng e
T
STG
- 5 5 t o + 150
OC
0.615(15.60)MAX.
0.520(13.20)
0.504(12.80)
0.402(10.20)
0.385(9.80)
0.071(1.80)
0.055(1.40)
0.095(2.40)
0.078(2.00)
0.050(1.25)
0.037(0.95)
0.223(5.65)
0.206(5.25)
0.223(5.65)
0.206(5.25)
0.118(3.0)
MIN.
0.599(15.20)
0.582(14.80)
0.185(4.70)
0.169(4.30)
0.103(2.60)
0.090(2.30)
0.025(0.62)
0.014(0.38)


Similar Part No. - SB3030ST

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB3030 WTE-SB3030 Datasheet
45Kb / 3P
   30A SCHOTTKY BARRIER RECTIFIER
logo
Semikron International
SB3030 SEMIKRON-SB3030 Datasheet
523Kb / 2P
   Schottky barrier rectifiers diodes
logo
Pan Jit International I...
SB3030CT PANJIT-SB3030CT Datasheet
43Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS(VOLTAGE- 20 to 60 Volts CURRENT - 30.0 Ampere)
logo
PACELEADER INDUSTRIAL
SB3030CT PACELEADER-SB3030CT Datasheet
166Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB3030CT PANJIT-SB3030CT Datasheet
55Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SB3030ST

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com