Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD101BWS Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # SD101BWS
Description  SURFACE MOUNT SCHOTTKY BARRIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SD101BWS Datasheet(HTML) 2 Page - Pan Jit International Inc.

  SD101BWS Datasheet HTML 1Page - Pan Jit International Inc. SD101BWS Datasheet HTML 2Page - Pan Jit International Inc. SD101BWS Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
REV.0.1-FEB.25.2009
SD101AWS~SD101CWS
R
E
T
E
M
A
R
A
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C
t
s
e
T.
N
I
M.
P
Y
T.
X
A
Ms
t
i
n
U
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
RV
)
R
B
(
I
R
0
1
=
µA
S
W
A
1
0
1
D
S
S
W
B
1
0
1
D
S
S
W
C
1
0
1
D
S
0
6
0
5
0
4
V
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
s
r
e
v
e
RI
R
V
R
V
0
5
=
V
R
V
0
4
=
V
R
V
0
3
=
S
W
A
1
0
1
D
S
S
W
B
1
0
1
D
S
S
W
C
1
0
1
D
S
-
-
-
-
-
-
2
.
0
2
.
0
2
.
0
µA
e
g
a
t
l
o
V
d
r
a
w
r
o
FV
F
I
F
A
m
1
=
S
W
A
1
0
1
D
S
S
W
B
1
0
1
D
S
S
W
C
1
0
1
D
S
-
-
-
-
-
-
1
4
.
0
0
4
.
0
9
3
.
0
V
I
F
A
m
5
1
=
S
W
A
1
0
1
D
S
S
W
B
1
0
1
D
S
S
W
C
1
0
1
D
S
-
-
-
-
-
-
0
0
.
1
5
9
.
0
0
9
.
0
V
e
c
n
a
t
i
c
a
p
a
C
l
a
t
o
TC
J
V
R
z
H
M
0
.
1
=
f
,
V
0
=
S
W
A
1
0
1
D
S
S
W
B
1
0
1
D
S
S
W
C
1
0
1
D
S
-
-
-
-
-
-
0
.
2
1
.
2
2
.
2
F
p
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
Rt
r
r
I
F
I
=
R
l
1
.
0
=
r
r
I
,
A
m
5
=
R
--
0
.
1s
n
0
0.2
0.4
0.6
0.8
1
100
10
1
0.1
Forward Voltage, V (V)
F
Forward Voltage, V (V)
F
0
20
40
60
100
10
1
0.1
0.01
Reverse Voltage, V (V)
R
Reverse Voltage, V (V)
R
0
20
40
60
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
Reverse Voltage, V (V)
R
Reverse Voltage, V (V)
R
TJ= 75 C
O
TJ= 75 C
O
TJ= 125 C
O
TJ= 125 C
O
TJ= 25 C
O
TJ= 25 C
O
Fig.3- TYPICAL TOTAL CAPACITANCE
Fig.1- TYPICAL FORWARD VOLTAGE
ELECTRICAL CHARACTERISTICS CURVES
Fig.2- TYPICAL REVERSE CURRENT
ELECTRICAL CHARACTERISTICS (T
J
=25
O
C , unless otherwise noted)


Similar Part No. - SD101BWS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD101BWS DIODES-SD101BWS Datasheet
60Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 4 - 2
logo
SeCoS Halbleitertechnol...
SD101BWS SECOS-SD101BWS Datasheet
1Mb / 2P
   0.015AMP Surface Mount Schottky Barrier Rectifiers
logo
SUNMATE electronic Co.,...
SD101BWS SUNMATE-SD101BWS Datasheet
951Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SD101BWS WTE-SD101BWS Datasheet
46Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Micro Commercial Compon...
SD101BWS MCC-SD101BWS Datasheet
182Kb / 3P
   Small Signal Schottky Diodes
More results

Similar Description - SD101BWS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT42WS PANJIT-BAT42WS Datasheet
113Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
SD103AWS PANJIT-SD103AWS Datasheet
56Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
logo
Taiwan Semiconductor Co...
TSS42U TSC-TSS42U_14 Datasheet
186Kb / 4P
   Surface Mount Schottky Barrier
logo
Pan Jit International I...
BAT54TG PANJIT-BAT54TG_09 Datasheet
111Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT42W PANJIT-BAT42W_16 Datasheet
211Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54 PANJIT-BAT54_16 Datasheet
147Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2 PANJIT-BAT54FN2_16 Datasheet
191Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54FN2-AU PANJIT-BAT54FN2-AU Datasheet
194Kb / 4P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54STB-AU PANJIT-BAT54STB-AU_16 Datasheet
246Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TB PANJIT-BAT54TB_16 Datasheet
279Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
BAT54TM PANJIT-BAT54TM_16 Datasheet
146Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com