Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNBG3114 Datasheet(PDF) 7 Page - Diodes Incorporated

Part # ZNBG3114
Description  FET BIAS CONTROLLER WITH POLARISATION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZNBG3114 Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button ZNBG3114 Datasheet HTML 3Page - Diodes Incorporated ZNBG3114 Datasheet HTML 4Page - Diodes Incorporated ZNBG3114 Datasheet HTML 5Page - Diodes Incorporated ZNBG3114 Datasheet HTML 6Page - Diodes Incorporated ZNBG3114 Datasheet HTML 7Page - Diodes Incorporated ZNBG3114 Datasheet HTML 8Page - Diodes Incorporated ZNBG3114 Datasheet HTML 9Page - Diodes Incorporated ZNBG3114 Datasheet HTML 10Page - Diodes Incorporated ZNBG3114 Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Filter Response
100
1k
10k
100k
1M
0
0.2
0.4
0.6
0.8
1.0
Frequency (Hz)
1.2
1.4
Stability Boundary
10nF
100nF
1.0
LB/HB Load Capacitance
10
1uF
0.1
100
1nF
100pF
10pF
Stable region
Open Loop Phase v Frequency
100
1k
10k
100k
1M
0
30
60
90
120
Frequency (Hz)
150
180
10M
LB/HB Dropout Voltage v Load Current
010
20
30
40
1.3
1.4
1.5
1.6
1.7
Load Current (mA)
1.8
1.9
50
1.2
2.0
LB/HB Offset Voltage v Load Current
010
20
30
40
-8
-6
-4
-2
Load Current (mA)
0
2
50
4
Open Loop Gain v Frequency
100
1k
10k
100k
1M
0
10
20
30
40
Frequency (Hz)
50
60
70
10M
VCC = 5V
VIN=0.1Vpkpk
Test Circuit 1
VCC = 5V
VCC = 5V
VCC = 5V
Tamb = -40 C
Tamb = 25°C
Tamb = 70°C
VCC = 5V
Tamb = -40°C
Tamb = 25°C
Tamb = 70°C
VLOV = 0V
Vcc = 5V
TYPICAL CHARACTERISTICS
Unstable Region
ZNBG3113
ZNBG3114
4-129


Similar Part No. - ZNBG3114

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG3114 ZETEX-ZNBG3114 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3114Q20 ZETEX-ZNBG3114Q20 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
More results

Similar Description - ZNBG3114

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3210 DIODES-ZNBG3210 Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION
ZNBG3115 DIODES-ZNBG3115 Datasheet
614Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION
logo
Zetex Semiconductors
ZNBG3115 ZETEX-ZNBG3115 Datasheet
1Mb / 14P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Unisonic Technologies
UTCL8115 UTC-UTCL8115 Datasheet
174Kb / 13P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Zetex Semiconductors
ZNBG3110 ZETEX-ZNBG3110 Datasheet
657Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3115 ZETEX-ZNBG3115_06 Datasheet
606Kb / 15P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3113 ZETEX-ZNBG3113 Datasheet
684Kb / 17P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
ZNBG3210 ZETEX-ZNBG3210 Datasheet
387Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION
logo
Diodes Incorporated
ZNBG3211Q20TC DIODES-ZNBG3211Q20TC Datasheet
399Kb / 16P
   FET BIAS CONTROLLER WITH POLARISATION SWITCH AND TONE DETECTION ISSUE 2 - FEBRUARY 2000
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com