Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC322271T-70 Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # LC322271T-70
Description  2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Write
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC322271T-70 Datasheet(HTML) 5 Page - Sanyo Semicon Device

  LC322271T-70 Datasheet HTML 1Page - Sanyo Semicon Device LC322271T-70 Datasheet HTML 2Page - Sanyo Semicon Device LC322271T-70 Datasheet HTML 3Page - Sanyo Semicon Device LC322271T-70 Datasheet HTML 4Page - Sanyo Semicon Device LC322271T-70 Datasheet HTML 5Page - Sanyo Semicon Device LC322271T-70 Datasheet HTML 6Page - Sanyo Semicon Device LC322271T-70 Datasheet HTML 7Page - Sanyo Semicon Device LC322271T-70 Datasheet HTML 8Page - Sanyo Semicon Device LC322271T-70 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
Continued from preceding page.
No. 5085-5/29
LC322271J, M, T-70/80
-70
-80
Parameter
Symbol
min
max
min
max
Unit
Note
RAS hold time
tRSH
20
30
ns
CAS hold time
tCSH
70
80
ns
CAS pulse width
tCAS
20
10000
30
10000
ns
RAS to CAS delay time
tRCD
25
50
25
50
ns
14
RAS to column address delay time
tRAD
17
35
17
35
ns
15
CAS to RAS precharge time
tCRP
10
10
ns
CAS precharge time
tCP
10
10
ns
Row address setup time
tASR
0
0
ns
Row address hold time
tRAH
12
12
ns
Column address setup time
tASC
0
0
ns
Column address hold time
tCAH
15
20
ns
Column address hold time referenced to RAS
tAR
50
60
ns
Column address to RAS lead time
tRAL
40
45
ns
Read command setup time
tRCS
0
0
ns
Read command hold time referenced to CAS
tRCH
0
0
ns
11
Read command hold time referenced to RAS
tRRH
0
0
ns
11
Write command hold time
tWCH
15
15
ns
Write command hold time referenced to RAS
tWCR
50
60
ns
Write command pulse width
tWP
15
15
ns
Write command to RAS lead time
tRWL
25
25
ns
Write command to CAS lead time
tCWL
20
20
ns
Data input setup time
tDS
0
0
ns
12
Data input hold time
tDH
15
20
ns
12
Data input hold time referenced to RAS
tDHR
50
60
ns
Refresh time
tREF
8
8
ms
Write command setup time
tWCS
0
0
ns
13
CAS to UW, LW delay time
tCWD
50
50
ns
13
RAS to UW, LW delay time
tRWD
100
100
ns
13
Column address to UW, LW delay time
tAWD
65
65
ns
13
CAS precharge UW, LW delay time for fast page mode
tCPWD
70
70
ns
13
cycle only
CAS setup time for CAS-before-RAS
tCSR
10
10
ns
CAS hold time for CAS-before-RAS
tCHR
15
15
ns
RAS precharge CAS active time
tRPC
10
10
ns
CAS precharge time for CAS-before-RAS counter test
tCPT
40
40
ns
RAS hold time referenced to OE
tROH
15
15
ns
OE access time
tOEA
20
25
ns
9
OE delay time
tOED
15
15
ns
OE output buffer turn-off delay time
tOEZ
0
0
15
ns
10
OE command hold time
tOEH
20
20
ns
Data input to CAS delay time
tDZC
0
0
ns
16
Data input to OE delay time
tDZO
0
0
ns
16
Masked write setup time
tMCS
0
0
ns
Masked write hold time referenced to RAS
tMRH
0
0
ns
Masked write hold time referenced to CAS
tMCH
0
0
ns


Similar Part No. - LC322271T-70

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC322260J SANYO-LC322260J Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
LC322260T-70 SANYO-LC322260T-70 Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
LC322260T-80 SANYO-LC322260T-80 Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
More results

Similar Description - LC322271T-70

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC322260J SANYO-LC322260J Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
LC321664AJ SANYO-LC321664AJ Datasheet
964Kb / 30P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write
LC321664BJ SANYO-LC321664BJ Datasheet
583Kb / 28P
   1 MEG (65536 words X 16 bits) DRAM Fast Page Mode, Byte Write?
LC321667BJ SANYO-LC321667BJ Datasheet
624Kb / 30P
   1 MEG (65536 words X 16 bits) DRAM EDO Page Mode, Byte Write???
LC382161T-17 SANYO-LC382161T-17 Datasheet
1Mb / 55P
   2 MEG(65536 words x 16 bits x 2 banks) Synchronous DRAM
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
   1 MEG (131072 words X 8 bits) SRAM
LC32464P SANYO-LC32464P Datasheet
278Kb / 13P
   256K (65536 words X 4 bits) DRAM Fast Page Mode
logo
Micron Technology
MT4C4005 MICRON-MT4C4005 Datasheet
859Kb / 12P
   1 MEG x 4 DRAM FAST PAGE MODE WRITE-PER-BIT
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com