Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZNBG6001 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # ZNBG6001
Description  FET BIAS CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZNBG6001 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button ZNBG6001 Datasheet HTML 2Page - Diodes Incorporated ZNBG6001 Datasheet HTML 3Page - Diodes Incorporated ZNBG6001 Datasheet HTML 4Page - Diodes Incorporated ZNBG6001 Datasheet HTML 5Page - Diodes Incorporated ZNBG6001 Datasheet HTML 6Page - Diodes Incorporated ZNBG6001 Datasheet HTML 7Page - Diodes Incorporated ZNBG6001 Datasheet HTML 8Page - Diodes Incorporated ZNBG6001 Datasheet HTML 9Page - Diodes Incorporated ZNBG6001 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
ZNBG4000
ZNBG4000 ZNBG4001
ZNBG6000 ZNBG6001
TYPICAL APPLICATION CIRCUIT
APPLICATIONS INFORMATION
The above is a partial application circuit for the ZNBG series showing all external components
required for appropriate biasing. The bias circuits are unconditionally stable over the full
temperature range with the associated FETs and gate and drain capacitors in circuit.
Capacitors CD and CG ensure that residual power supply and substrate generator noise is not
allowed to affect other external circuits which may be sensitive to RF interference. They also
serve to suppress any potential RF feedthrough between stages via the ZNBG device. These
capacitors are required for all stages used. Values of 10nF and 4.7nF respectively are
recommended however this is design dependent and any value between 1nF and 100nF could
be used.
The capacitors CNB and CSUB are an integral part of the ZNBGs negative supply generator. The
negative bias voltage is generated on-chip using an internal oscillator. The required value of
capacitors CNB and CSUB is 47nF. This generator produces a low current supply of approximately
-3 volts. Although this generator is intended purely to bias the external FETs, it can be used to
power other external circuits via the CSUB pin.
Resistors RCAL1/2 sets the drain current at which all external FETs are operated. Both ZNBG devices
have the facility to program different drain currents into selected FETs. Two RCAL inputs are
provided. For the ZNBG4000, resistor RCAL1 sets the drain current of FETs 1 and 2, resistor RCAL2
sets the drain current of FETs 3 and 4. For the ZNBG6000, resistor RCAL1 sets the drain current
of FETs 1 and 4, resistor RCAL2 sets the drain current of FETs 2, 3, 5 and 6. If the same drain current
is required for all FETs on either device then pins RCAL1 and RCAL2 can be wired together and
shunted to ground by a single calibration resistor of half normal value.
If any bias control circuit is not required, its related drain and gate connections may be left open
circuit without affecting the operation of the remaining bias circuits. If all FETs associated with
a current setting resistor are omitted, the particular RCAL should still be included. The supply
current can be reduced, if required, by using a high value RCAL resistor (e.g. 470k).
4-142


Similar Part No. - ZNBG6001

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG6001 ZETEX-ZNBG6001 Datasheet
406Kb / 10P
   FET BIAS CONTROLLER
ZNBG6001 ZETEX-ZNBG6001 Datasheet
409Kb / 10P
   FET BIAS CONTROLLER
ZNBG6001Q20 ZETEX-ZNBG6001Q20 Datasheet
406Kb / 10P
   FET BIAS CONTROLLER
ZNBG6001Q20 ZETEX-ZNBG6001Q20 Datasheet
409Kb / 10P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG6001Q20 DIODES-ZNBG6001Q20 Datasheet
419Kb / 10P
   ABSOLUTE MAXIMUM RATINGS
More results

Similar Description - ZNBG6001

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
logo
Aimtron Technology
AT1504 AIMTRON-AT1504 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
AT1506 AIMTRON-AT1506 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
logo
Unisonic Technologies
L8401 UTC-L8401_15 Datasheet
231Kb / 5P
   FET BIAS CONTROLLER
logo
Zetex Semiconductors
ZNBG4000 ZETEX-ZNBG4000 Datasheet
406Kb / 10P
   FET BIAS CONTROLLER
ZNBR4000 ZETEX-ZNBR4000 Datasheet
183Kb / 10P
   FET BIAS CONTROLLER
ZNBG2000 ZETEX-ZNBG2000 Datasheet
516Kb / 7P
   FET BIAS CONTROLLER
logo
Unisonic Technologies
L8001 UTC-L8001_17 Datasheet
181Kb / 6P
   FET BIAS CONTROLLER
L8002 UTC-L8002 Datasheet
176Kb / 6P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG2000 DIODES-ZNBG2000 Datasheet
525Kb / 7P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com