Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TB2S-08 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # TB2S-08
Description  MICRO SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

TB2S-08 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  TB2S-08 Datasheet HTML 1Page - Pan Jit International Inc. TB2S-08 Datasheet HTML 2Page - Pan Jit International Inc. TB2S-08 Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PAGE . 1
May 14.2010-REV.01
TB1S-08~TB10S-08
MICRO SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
VOLTAGE
100~1000 Volts
0.8 Ampers
FEATURES
• Glass passivated chip junciton
• Ideally Suited for Automatic Assembly
• Save space on printed circuit boards
• Body Thick Very Thin <1.5mm
• Low Forward Voltage Drop
• Surge Overload Rating to 20A peak
• In compliance with EU RoHS 2002/95/EC directives
• Plastic Material:UL Flammability Classification Rating 94V-0
MECHANICAL DATA
• Case : TDI, Plastic
• Terminals : Solderable per MIL-STD-750, Method 2026
• Polarity: As Marked on case
• Marking: Type number
• Weight: 0.090 grams (Approx.)
CURRENT
ABSOLUTE MAXIMUM RATINGS (If not specified TA=25oC)
TDI(MICRO DIP)
TDI(MICRO DIP)
Unit : inch(mm)
Unit : inch(mm)
+
-
~~
0.028(0.7)
0.023(0.6)
0.162(4.10)
0.153(3.90)
0.203(5.15)
0.190(4.85)
0.028(0.70)
0.019(0.50)
PARAMETER
SYMBOL
CONDITIONS
TB1S-08
TB2S-08
TB4S-08
TB6S-08
TB8S-08
TB10S-08
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
-
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
-
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
-
100
200
400
600
800
1000
V
Average Rectified Forward Current
I O
60Hz sine wave,R-
load,TA=25oC On FR-4
P.C.B Board
0.8
A
Peak Surge Forward Current
I FSM
60Hz sine wave,Non-
repetitive 1 cycle peak
value,TJ=25oC
20
A
I 2 t Rating for fusing (t<8.3ms)
I 2 t-
1.66
A2S
Operating Junction Temperature
TJ
-
150
oC
Storage Temperature
TSTG
-
-55 to +150
oC
Recongnized File #E139973
PAN JIT RESERVES THE RIGHT TO CHANGE THE SPECIFICATION ANY TIME WITHOUT NOTICE IN ORDER TO IMPROVE THE
DESIGN AND SUPPLY THE BEST POSSIBLE PRODUCT.


Similar Part No. - TB2S-08

ManufacturerPart #DatasheetDescription
logo
SHIKUES Electronics
TB2S-10 SKTECHNOLGY-TB2S-10 Datasheet
383Kb / 3P
   1A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Dongguan Pingjingsemi T...
TB2S-12 PJSEMI-TB2S-12 Datasheet
757Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
TB2S-15 PJSEMI-TB2S-15 Datasheet
646Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
TB2S-20 PJSEMI-TB2S-20 Datasheet
405Kb / 3P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
TB2S-G COMCHIP-TB2S-G Datasheet
100Kb / 4P
   Silicon Bridge Rectifiers
More results

Similar Description - TB2S-08

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
TB1S PANJIT-TB1S Datasheet
108Kb / 3P
   MICRO SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
TB1S PANJIT-TB1S_14 Datasheet
119Kb / 5P
   MICRO SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
TB1S-08 PANJIT-TB1S-08_14 Datasheet
101Kb / 5P
   MICRO SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
TB10S-12 PANJIT-TB10S-12 Datasheet
99Kb / 5P
   MICRO SURFACE MOUNT GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
E92205A GOOD-ARK-E92205A Datasheet
251Kb / 3P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92207A GOOD-ARK-E92207A Datasheet
239Kb / 3P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E92305A GOOD-ARK-E92305A Datasheet
241Kb / 3P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91205A GOOD-ARK-E91205A Datasheet
375Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91207R GOOD-ARK-E91207R Datasheet
372Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
E91209A GOOD-ARK-E91209A Datasheet
371Kb / 4P
   Surface Mount Glass Passivated Single Phase Bridge Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com