Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF2D Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # UF2D
Description  SURFACE MOUNT ULTRAFAST RECTIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF2D Datasheet(HTML) 2 Page - Pan Jit International Inc.

  UF2D Datasheet HTML 1Page - Pan Jit International Inc. UF2D Datasheet HTML 2Page - Pan Jit International Inc. UF2D Datasheet HTML 3Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PAGE . 2
STAD-MAR.05.2009
UF2A~UF2J
Fi g.3 FORWA RD CHARACTERISTICS
Fi g .1 FORWA RD CURRENT DERATING CURVE
Fi g .5 T YPICA L J UNCTION CA PA CITA NCE
Fi g .2PEA KF ORWA RD SURGECURRENT
FORWARDVOLTAGE,VOLTS
REVERSE VOLTAGE, VOLTS
RATING A ND CHA RA CTERISTIC CURVES
0.7
0.01
0.1
1.0
10
50-200V
600V
T=25 C
A
O
400V
0.9
1.3
1.5
1.7
1.9
0.1
1
10
100
1.0
10
100
T=25 C
f=1.0MHz
Vsig=50mVp-p
J
O
3.0
2.0
1.0
0
050
100
150
0.5
1.5
2.5
LEAD TEMPERATURE, C
O
SINGLEPHASE, HALF-WAVE,60Hz RESISTIVE
OR INDUCTIVELOAD P.C.B MOUNTED
NO 0.315x0.315"(8.0 x 8.0mm)
COPPER PAD AREAS
20
10
0
1
2
6
10
20
40
60
100
3
5
6
0
0
0
0
NUMBER OF CYCLES AT 60Hz
8.3ms Single Half Sine-Wave
JEDEC Method
1.1
Fig.4-TYPICAL REVERSE CHARACTERISTIC
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
0.1
20
4 0
60
80
100
12 0
140
1.0
10
100
1000
T= 150 C
J
O
T= 100 C
J
O
T= 25 C
J
O


Similar Part No. - UF2D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF2D PANJIT-UF2D Datasheet
74Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 2.0 Amperes)
logo
Shenzhen Luguang Electr...
UF2D LUGUANG-UF2D Datasheet
186Kb / 2P
   Surface Mount Rectifiers
logo
SAMYANG ELECTRONICS CO....
UF2D SAMYANG-UF2D Datasheet
458Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Surge Components
UF2D SURGE-UF2D Datasheet
81Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 2.0 Amperes
logo
Yea Shin Technology Co....
UF2D YEASHIN-UF2D Datasheet
39Kb / 2P
   SURFACEMOUNT REVERSE VOLTAGE - 50 to 1000 Volts
More results

Similar Description - UF2D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF1A PANJIT-UF1A_04 Datasheet
38Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
US1A PANJIT-US1A_05 Datasheet
47Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH1PB VISHAY-UH1PB Datasheet
83Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 19-Apr-11
US1A VISHAY-US1A_11 Datasheet
85Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 19-Apr-11
US1K-E3 VISHAY-US1K-E3 Datasheet
84Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 30-Oct-13
UH3B VISHAY-UH3B Datasheet
108Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 29-May-08
US1A VISHAY-US1A Datasheet
107Kb / 5P
   Surface Mount Ultrafast Rectifier
Revision: 27-Aug-07
logo
Pan Jit International I...
UF3A PANJIT-UF3A_09 Datasheet
113Kb / 3P
   SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH3B VISHAY-UH3B_V01 Datasheet
90Kb / 5P
   Surface Mount Ultrafast Rectifier
02-Oct-12
UH1B VISHAY-UH1B_V01 Datasheet
91Kb / 5P
   Surface Mount Ultrafast Rectifier
02-Oct-12
US1 VISHAY-US1_V01 Datasheet
1Mb / 5P
   Surface-Mount Ultrafast Rectifier
01-Jan-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com