Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UF102G Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # UF102G
Description  GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

UF102G Datasheet(HTML) 1 Page - Pan Jit International Inc.

  UF102G Datasheet HTML 1Page - Pan Jit International Inc. UF102G Datasheet HTML 2Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PAGE . 1
December 21,2010-REV.01
UF100G SERIES
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O utilizing
Flame Retardant Epoxy Molding Compound
• Exceeds environmental standards of MIL-S-19500/228.
• Ultra Fast recovery for high efficiency.
• In compliance with EU RoHS 2002/95/EC directives
MECHANICAL DATA
Case: Molded plastic, DO-41
Terminals: Axial leads, solderable per MIL-STD-750,Method 2026
Polarity: Band denotes cathode
Mounting Position: Any
Weight: 0.0118 ounce, 0.336 gram
GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Thermal Resistance from Junction to Ambient and from Junction to lead length 0.375”(9.5mm) P.C.B. mounted.
3. Reverse Recovery Time IF=.5A ,IR=1A , Irr=.25A
50 to 1000 Volts
1.0 Amperes
CURRENT
VOLTAGE
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Resistive or inductive load, 60Hz.
PA RA ME TE R
S YM B OL
UF 1 00G
UF 1 01G
UF 10 2G
UF 1 04G
UF 106G
UF 1 08G
UF 1010 G
UNITS
Ma xi mum Re c urr ent P eak Re ve rs e Vo lta g e
V
RRM
50
100
200
40 0
6 00
800
1 000
V
Ma xi mum RMS Vo lta g e
V
RMS
35
70
140
2 8 0
420
560
700
V
Ma xi mum D C B loc ki ng Vo ltage
V
DC
50
100
200
40 0
6 00
800
1 000
V
Ma xi mum A ver a ge F o rward Cur rent .3 7 5 "( 9.5mm)
lead le ng th at TA =5 5 OC
I
F(AV )
1.0
A
P e a k F o rward S urge C ur rent : 8 .3 m s si ng le ha lf s i ne -
wa ve s uperi mpose d on r a te d load ( J E D E C me thod)
I
FS M
30
A
Ma xi mum F o rward Vo ltage at 1.0A
V
F
1.0
1 .3
1 .7
V
Ma xi mum D C Re ve rs e C urr ent at Ra te d
DC B lo c k i ng Vo lta g e
TJ =2 5 OC
TJ=1 2 5 OC
I
R
1.0
150
μA
Typi cal J unc ti on C a p a ci ta nc e (Note 1)
C
J
17
pF
Typi cal Therma l Re s i s tanc e (Note 2)
Rθ
JA
60
OC / W
Ma xi mum Re ve rs e Re cove ry Ti me (Note 3)
t
rr
50
1 0 0
ns
Operati ng J unc ti o n and S torage Te mperatur e Ra ng e
T
J,T STG
-5 5 to +1 5 0
OC
0.034(0.86)
0.028(0.71)
0.107(2.7)
0.080(2.0)


Similar Part No. - UF102G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF102G PANJIT-UF102G Datasheet
56Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 1.0 Ampere)
logo
Transys Electronics
UF102G TRSYS-UF102G Datasheet
161Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST SWITCHING RECTIFIER
logo
Pan Jit International I...
UF102G PANJIT-UF102G Datasheet
42Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
logo
Yea Shin Technology Co....
UF102G YEASHIN-UF102G Datasheet
43Kb / 2P
   ULTRAFAST SWITCHING RECTIFIER VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere
logo
Zibo Seno Electronic En...
UF102G ZSELEC-UF102G Datasheet
89Kb / 2P
   1.0A GLASS PASSIVATED ULTRAFAST DIODE
More results

Similar Description - UF102G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF100GS PANJIT-UF100GS_09 Datasheet
66Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
1U1G PANJIT-1U1G_09 Datasheet
67Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF100G PANJIT-UF100G_04 Datasheet
42Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF100GS PANJIT-UF100GS_05 Datasheet
428Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
1U1G PANJIT-1U1G_04 Datasheet
72Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
UF1010G-AU PANJIT-UF1010G-AU Datasheet
108Kb / 4P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIER
logo
First Silicon Co., Ltd
EGL1A FS-EGL1A Datasheet
189Kb / 3P
   Surface Mount Glass Passivated Junction UltraFast Recovery Rectifier
logo
Pan Jit International I...
UF150G PANJIT-UF150G_04 Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
UF150G PANJIT-UF150G_09 Datasheet
46Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
UF200G PANJIT-UF200G Datasheet
37Kb / 2P
   GLASS PASSIVATED JUNCTION ULTRAFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com