Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC34704BR2 Datasheet(PDF) 4 Page - Freescale Semiconductor, Inc

Part # MC34704BR2
Description  Multiple Channel DC-DC Power Management IC
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34704BR2 Datasheet(HTML) 4 Page - Freescale Semiconductor, Inc

  MC34704BR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC34704BR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC34704BR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC34704BR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC34704BR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC34704BR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34704BR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34704BR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34704BR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
Analog Integrated Circuit Device Data
4
Freescale Semiconductor
34704
PIN CONNECTIONS
PIN CONNECTIONS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15 16 17 18 19 20 21 22 23 24 25 26 27 28
42
41
40
39
38
37
36
35
34
33
32
31
30
29
56 55 54 53 52 51 50 49 48 47 46 45 44 43
57
Exposed Pad
PGND
BT5U
BT4D
PVIN4
SW4D
VOUT4
SW4U
BT4U
FB4
COMP4
BT3
PVIN3
SW3
VOUT3
FB3
BT2U
ONOFF
LION
VDDI
VIN
AGND
VOUT6
SW6
BT6
FB6
VOUT7
DRV7
FB7
VREF7
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15 16 17 18 19 20 21 22 23 24 25 26 27 28
42
41
40
39
38
37
36
35
34
33
32
31
30
29
56 55 54 53 52 51 50 49 48 47 46 45 44 43
57
Exposed Pad
PGND
BT5U
BT4D
PVIN4
SW4D
VOUT4
SW4U
BT4U
FB4
COMP4
BT3
PVIN3
SW3
VOUT3
FB3
BT2U
ONOFF
LION
VDDI
VIN
AGND
PGND5
PGND4
NC4
AGND3
PGND2
NC3
AGND1
NC2
34704A
34704B
Figure 3. 34704 Pin Connections
Table 2. 34704 Pin Definitions
A functional description of each pin can be found in the Functional Pin Description section beginning on page 17.
Pin Number Device Pin Name Pin Function
Formal Name
Definition
1
A/B
BT5U
Passive
REG5 Boost Stage
bootstrap capacitor input
pin
Connect a 1.0
μF capacitor between this pin and SW5U pin to
enhance the gate of the Switch Power MOSFET.
2
A/B
BT4D
Passive
REG4 Buck Stage
bootstrap capacitor input
pin
Connect a 0.01
μF capacitor between this pin and SW4D pin to
enhance the gate of the Switch Power MOSFET.
3
A/B
PVIN4
Power
REG4 power supply input
voltage
This is the connection to the drain of the high side switch FET.
Input decoupling /filtering is required for proper REG4 operation.
Use a 10uf decoupling capacitor for better performance.
4
A/B
SW4D
Input/Output
REG4 Buck Stage
switching node
The inductor is connected between this pin and the SW4U pin.
5
A/B
VOUT4
Output
REG4 regulated output
voltage pin
Connect this pin to the load and to the output filter as close to
the pin as possible.
6
A/B
SW4U
Input/Output
REG4 Boost Stage
switching node
The inductor is connected between this pin and the SW4D pin.
7
A/B
BT4U
Passive
REG4 Boost Stage
bootstrap capacitor input
pin
Connect a 0.01
μF capacitor between this pin and SW4U pin to
enhance the gate of the Switch Power MOSFET.
8
A/B
FB4
Input
REG4 voltage feedback
input for voltage
regulation/programming
Connect the feedback resistor divider to this pin.
9
A/B
COMP4
Passive
REG4 compensation
network connection
REG4 compensation network connection.
10
A/B
BT3
Passive
REG3 bootstrap capacitor
input pin
Connect a 0.01
μF capacitor between this pin and SW3 pin to
enhance the gate of the Switch Power MOSFET.


Similar Part No. - MC34704BR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC34704BEP FREESCALE-MC34704BEP Datasheet
2Mb / 49P
   Multiple Channel DC-DC Power Management IC
MC34704BEP/R2 FREESCALE-MC34704BEP/R2 Datasheet
1Mb / 49P
   Multiple Channel DC-DC Power Management IC
MC34704BEPR2 FREESCALE-MC34704BEPR2 Datasheet
2Mb / 49P
   Multiple Channel DC-DC Power Management IC
More results

Similar Description - MC34704BR2

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
34704 FREESCALE-34704_09 Datasheet
1Mb / 49P
   Multiple Channel DC-DC Power Management IC
MC34704 FREESCALE-MC34704 Datasheet
2Mb / 49P
   Multiple Channel DC-DC Power Management IC
logo
SG Micro Corp
SGM2036 SGMICRO-SGM2036 Datasheet
407Kb / 19P
   DC-DC Power Management Unit
SGM2101 SGMICRO-SGM2101 Datasheet
533Kb / 33P
   DC/DC Power Management Unit
SGM2100 SGMICRO-SGM2100 Datasheet
552Kb / 36P
   DC-DC Power Management Unit
logo
Renesas Technology Corp
ZL2005 RENESAS-ZL2005 Datasheet
1Mb / 39P
   Digital-DC??Integrated Power Management and Conversion IC
logo
Intersil Corporation
ZL2005 INTERSIL-ZL2005 Datasheet
474Kb / 39P
   Digital-DC??Integrated Power Management and Conversion IC
ZL2005ALNFT INTERSIL-ZL2005ALNFT Datasheet
816Kb / 40P
   Digital-DC??Integrated Power Management and Conversion IC
February 23, 2011
logo
Maxim Integrated Produc...
MAX20340 MAXIM-MAX20340 Datasheet
1Mb / 35P
   Bidirectional DC Powerline Communication Management IC
Rev 0; 11/19
logo
Shenzhen Guan Hua Wei Y...
WSP10N10 WIINSOK-WSP10N10 Datasheet
1Mb / 5P
   Power Management in DC/DC Converter.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com