Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC35W1000BTS-70U Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LC35W1000BTS-70U
Description  Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC35W1000BTS-70U Datasheet(HTML) 7 Page - Sanyo Semicon Device

  LC35W1000BTS-70U Datasheet HTML 1Page - Sanyo Semicon Device LC35W1000BTS-70U Datasheet HTML 2Page - Sanyo Semicon Device LC35W1000BTS-70U Datasheet HTML 3Page - Sanyo Semicon Device LC35W1000BTS-70U Datasheet HTML 4Page - Sanyo Semicon Device LC35W1000BTS-70U Datasheet HTML 5Page - Sanyo Semicon Device LC35W1000BTS-70U Datasheet HTML 6Page - Sanyo Semicon Device LC35W1000BTS-70U Datasheet HTML 7Page - Sanyo Semicon Device LC35W1000BTS-70U Datasheet HTML 8Page - Sanyo Semicon Device LC35W1000BTS-70U Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
No. 6624-7/9
LC35W1000BM, BTS-70U/10U
Write cycle (6) (WE = control) *6
*5
*4
*4
*3
A13492
Write cycle (2) (CE1 = control) *6
*5
*4
*4
*3
A13493


Similar Part No. - LC35W1000BTS-70U

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC35W256EM SANYO-LC35W256EM Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35W256EM-10W SANYO-LC35W256EM-10W Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
LC35W256ET-10W SANYO-LC35W256ET-10W Datasheet
46Kb / 6P
   256K (32K words x 8 bits) SRAM Control pins: OE and CE
More results

Similar Description - LC35W1000BTS-70U

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC35V1000BM SANYO-LC35V1000BM Datasheet
178Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
logo
GSI Technology
GS78108B GSI-GS78108B Datasheet
210Kb / 10P
   1M x 8 8Mb Asynchronous SRAM
logo
Sanyo Semicon Device
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
logo
GSI Technology
GS78108AB GSI-GS78108AB Datasheet
642Kb / 11P
   1M x 8 8Mb Asynchronous SRAM
logo
Sanyo Semicon Device
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
logo
Elpida Memory
EDS1616AGTA ELPIDA-EDS1616AGTA Datasheet
694Kb / 49P
   16M bits SDRAM (1M words x 16 bits)
logo
Sanyo Semicon Device
LC33864P-80 SANYO-LC33864P-80 Datasheet
192Kb / 10P
   512K (65536 words X 8 bits) Pseudo-SRAM
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
   1 MEG (131072 words X 8 bits) SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com