Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC36256AML-85 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LC36256AML-85
Description  256 K (32768 words x 8 bits) SRAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC36256AML-85 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LC36256AML-85 Datasheet HTML 1Page - Sanyo Semicon Device LC36256AML-85 Datasheet HTML 2Page - Sanyo Semicon Device LC36256AML-85 Datasheet HTML 3Page - Sanyo Semicon Device LC36256AML-85 Datasheet HTML 4Page - Sanyo Semicon Device LC36256AML-85 Datasheet HTML 5Page - Sanyo Semicon Device LC36256AML-85 Datasheet HTML 6Page - Sanyo Semicon Device LC36256AML-85 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Ordering number : EN4163A
22896HA (OT)/21593JN (OT) No. 4163-1/7
Overview
The LC36256AL, AML are fully asynchronous silicon
gate CMOS static RAMs with an 32768 words
× 8 bits
configuration.
This series have CE chip enable pin for device
select/nonselect control and an OE output enable pin for
output control, and features high speed as well as low
power dissipation.
For these reasons, the series is especially suited for use in
systems requiring high speed, low power, and battery
backup, and it is easy to expand memory capacity.
Features
• Access time
70
ns (max.) : LC36256AL-70, LC36256AML-70
85
ns (max.) : LC36256AL-85, LC36256AML-85
100 ns (max.) : LC36256AL-10, LC36256AML-10
120 ns (max.) : LC36256AL-12, LC36256AML-12
• Low current dissipation
During standby
2
µA (max.) / Ta = 25°C
5
µA (max.) / Ta = 0 to +40°C
25 µA (max.) / Ta = 0 to +70°C
During data retention
1
µA (max.) / Ta = 25°C
2
µA (max.) / Ta = 0 to +40°C
10 µA (max.) / Ta = 0 to +70°C
During operation (DC)
10 mA (max.)
• Single 5 V power supply: 5 V ±10%
• Data retention power supply voltage: 2.0 to 5.5 V
• No clock required (Fully static memory)
• All input/output levels are TTL compatible
• Common input/output pins, with three output states
• Packages
DIP 28 -pin (600 mil) plastic package : LC36256AL
SOP 28-pin (450 mil) plastic package : LC36256AML
Package Dimensions
unit: mm
3012A - DIP28
unit : mm
3187 - SOP28D
SANYO: DIP28
[LC36256AL]
SANYO: SOP28D
[LC36256AML]
LC36256AL, AML-70/85/10/12
SANYO Electric Co.,Ltd. Semiconductor Bussiness Headquarters
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-0005 JAPAN
256 K (32768 words
× 8 bits) SRAM
Asynchronous Silicon Gate CMOS LSI


Similar Part No. - LC36256AML-85

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC36256AMLL-10W SANYO-LC36256AMLL-10W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AMLL-12W SANYO-LC36256AMLL-12W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AMLL-70W SANYO-LC36256AMLL-70W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AMLL-85W SANYO-LC36256AMLL-85W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
More results

Similar Description - LC36256AML-85

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC33832P SANYO-LC33832P Datasheet
128Kb / 9P
   256 K (32768 words X 8 bits) Pseudo-SRAM
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com