Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC371100SP Datasheet(PDF) 4 Page - Sanyo Semicon Device

Part # LC371100SP
Description  1 MEG (131072 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC371100SP Datasheet(HTML) 4 Page - Sanyo Semicon Device

  LC371100SP Datasheet HTML 1Page - Sanyo Semicon Device LC371100SP Datasheet HTML 2Page - Sanyo Semicon Device LC371100SP Datasheet HTML 3Page - Sanyo Semicon Device LC371100SP Datasheet HTML 4Page - Sanyo Semicon Device LC371100SP Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
5 V Operation
No. 5087-4/5
LC371100SP, SM, ST-10/20LV
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply voltage
VCC max
4.5
5.0
5.5
V
Input high level voltage
VIH
2.2
VCC + 0.3
V
Input low level voltage
VIL
–0.3
+0.6
V
DC Recommended Operating Ranges at Ta = 0 to +70°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Operating supply current
ICCA1
CE = 0.2 V (CE = VCC – 0.2 V), VI = VCC – 0.2 V/0.2 V
30
mA
ICCA2
CE = VIL (CE = VIH), IO = 0 mA, VI = VIH/VIL, f = 10 MHz
70
mA
Standby supply current
ICCS1
CE = VCC – 0.2 V (CE = 0.2 V)
30 (1.0*)
µA
ICCS2
CE = VIH (CE = VIL)
1.0 (300*)
mA (µA)
Input leakage current
ILI
VIN = 0 to VCC
±1.0
µA
Output leakage current
ILO
CE or OE = VIH (CE or OE = VIL), VOUT = 0 to VCC
±1.0
µA
Output high level voltage
VOH
IOH = –1.0 mA
2.4
V
Output low level voltage
VOL
IOL = 2.0 mA
0.4
V
DC Characteristics at Ta = 0 to +70°C, VCC = 5.0 V ±10%
Note: * Guaranteed at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Cycle time
tCYC
100
ns
Address access time
tAA
100
ns
CE access time
tCA
100
ns
OE access time
tOA
40
ns
Output hold time
tOH
20
ns
Output disable time*
tOD
30
ns
AC Characteristics at Ta = 0 to +70°C, VCC = 5.0 V ±10%
AC Test Conditions
Output Load (5 V measurement)
Note: * tOD is measured from the earlier edge of the CE (CE) or OE(OE)’s going high impedance.
This parameter is periodically sampled and not 100% tested.
Input pulse levels
0.4 V to 0.8 VCC (3 V measurement),
0.6 V to 2.4 V (5 V measurement)
Input rise/fall time
5 ns
Input timing level
1.5 V
Output timing level
1.5 V
Output load
70 pF (3 V measurement)
See figure (5 V measurement)


Similar Part No. - LC371100SP

ManufacturerPart #DatasheetDescription
logo
Seoul Semiconductor
LC371 SEOUL-LC371 Datasheet
376Kb / 14P
   INFRARED LAMP LED
LC371 SEOUL-LC371 Datasheet
360Kb / 13P
   CYAN LAMP LED
LC371 SEOUL-LC371 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC371 SEOUL-LC371 Datasheet
392Kb / 14P
   RED OVAL LAMP LED
LC371 SEOUL-LC371 Datasheet
378Kb / 14P
   RED LAMP LED
More results

Similar Description - LC371100SP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC378100QM SANYO-LC378100QM Datasheet
64Kb / 4P
   8 MEG (1048576 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC374100SM SANYO-LC374100SM Datasheet
64Kb / 4P
   4 MEG (524288 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC372100PP SANYO-LC372100PP Datasheet
79Kb / 5P
   2 MEG (262144 words x 8 bits) Mask ROM Internal Clocked Silicon Gate
LC361000AMLL SANYO-LC361000AMLL Datasheet
158Kb / 8P
   1 MEG (131072 words X 8 bits) SRAM
LE28C1001M SANYO-LE28C1001M Datasheet
281Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
LE28CV1001M SANYO-LE28CV1001M Datasheet
276Kb / 14P
   1MEG (131072 words x 8 bits) Flash Memory
LC322271J SANYO-LC322271J Datasheet
1Mb / 29P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Write
LE28F4001M SANYO-LE28F4001M Datasheet
219Kb / 14P
   4 MEG (524288 words x 8 bits) Flash Memory
LC322260J SANYO-LC322260J Datasheet
766Kb / 33P
   2 MEG (131072 words X 16 bits) DRAM Fast Page Mode, Byte Read/Write???
LC35W1000BM SANYO-LC35W1000BM Datasheet
165Kb / 9P
   Asynchronous Silicon Gate 1M (131,072 words x 8 bits) SRAM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com