Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LC36256AML-10 Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # LC36256AML-10
Description  256 K (32768 words x 8 bits) SRAM
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC36256AML-10 Datasheet(HTML) 6 Page - Sanyo Semicon Device

  LC36256AML-10 Datasheet HTML 1Page - Sanyo Semicon Device LC36256AML-10 Datasheet HTML 2Page - Sanyo Semicon Device LC36256AML-10 Datasheet HTML 3Page - Sanyo Semicon Device LC36256AML-10 Datasheet HTML 4Page - Sanyo Semicon Device LC36256AML-10 Datasheet HTML 5Page - Sanyo Semicon Device LC36256AML-10 Datasheet HTML 6Page - Sanyo Semicon Device LC36256AML-10 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
LC36256AL, AML-70/85/10/12
No. 4163-6/7
• Write Cycle (2): CE Control Note (6)
Notes
(1) tCOD, tOOD, and tWOD are defined as the time at which the outputs becomes the high impedance state and
are not referred to output voltage levels.
(2) An external antiphase signal must not be applied when DOUT is in the output state.
(3) tWP is the time interval that CE and WE are low-level and is defined as the interval from the falling of WE
to the rising of CE or WE whichever is earlier.
(4) tCW is the time interval that CE and WE are low-level and is defined as the time from the falling of CE to
the rising of CE or WE whichever is earlier.
(5) DOUT goes to the high-impedance state when either OE is high-level, CE is high-level, or WE is low-level.
(6) When OE is high-level during the write cycle, DOUT goes to the high-impedance state.
Data Retention Characteristics at Ta = 0 to +70°C
Parameter
Symbol
Conditions
min
typ*
max
Unit
Data retention supply voltage
VDR
VCE
≥ VCC–0.2V
2.0
5.5
V
VCC = 3.0V,
0 to +70°C
10
ICCDR1
VCE
≥ 2.8V
0 to +40°C
2
µA
Data retention supply current
25°C
0.25
1
ICCDR2
VCC = 2.0 to 5.5V,
VCE
≥ VCC–0.2V
0.5
25
µA
CE setup time
tCDR
0
ns
CE hold time
tR
tRC**
ns
* Reference values at VCC = 5V, Ta = 25°C
** tRC = Read Cycle time
Data Retention Waveform


Similar Part No. - LC36256AML-10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC36256AMLL-10W SANYO-LC36256AMLL-10W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AMLL-12W SANYO-LC36256AMLL-12W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AMLL-70W SANYO-LC36256AMLL-70W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC36256AMLL-85W SANYO-LC36256AMLL-85W Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
More results

Similar Description - LC36256AML-10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC36256ALL SANYO-LC36256ALL Datasheet
142Kb / 7P
   256 K (32768 words x 8 bits) SRAM?
LC33832P SANYO-LC33832P Datasheet
128Kb / 9P
   256 K (32768 words X 8 bits) Pseudo-SRAM
LC35256A SANYO-LC35256A Datasheet
181Kb / 8P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins
LC35256AM SANYO-LC35256AM Datasheet
174Kb / 7P
   256 K (32768 words X 8 bits) SRAM with OE and CE control Pins?
LC331632M-70 SANYO-LC331632M-70 Datasheet
181Kb / 9P
   512K (32768 words X 16 bits) Pseudo-SRAM
LC35256FT SANYO-LC35256FT Datasheet
60Kb / 7P
   256K (32768 words X 8 bits) SRAM Control Pins: OE and CE
LC36128ML-70 SANYO-LC36128ML-70 Datasheet
130Kb / 7P
   128K(16384 words X 8 bits) SRAM?
LC35256FM SANYO-LC35256FM Datasheet
49Kb / 7P
   256K (32768 words 8 bits) SRAM Control Pins: OE and CE
LC3564S SANYO-LC3564S Datasheet
239Kb / 10P
   64K (8192 words x 8 bits) SRAM?
LC3564RM SANYO-LC3564RM Datasheet
442Kb / 10P
   64K (8192 words x 8 bits) SRAM
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com