Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCBT-14 Datasheet(PDF) 1 Page - Mini-Circuits

Part # TCBT-14
Description  Surface Mount Bias Tee
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TCBT-14 Datasheet(HTML) 1 Page - Mini-Circuits

  TCBT-14 Datasheet HTML 1Page - Mini-Circuits TCBT-14 Datasheet HTML 2Page - Mini-Circuits TCBT-14 Datasheet HTML 3Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
CASE STYLE: GU1414
Bias Tee
50Ω
Wideband
10 MHz to 10 GHz
Surface Mount
TCBT-14+
The Big Deal
•ExtremelyWideband
•VeryhighDCcurrentupto200mA
•Verylowinsertionloss,<1dB
•Wellmatched,VSWR1.1:1
Product Overview
TCBT-14+istheworld’ssmallestfootprintwidebandBias-Teemeasuring3.8mmx3.8mmwhichutilizes
auniquedesigntocoverafrequencyrangeof10MHzto10GHzwithoutresonancesthataretypically
observedoversuchbroadbands.Itisdesignedtohandle1WofRFpowerand200mAcurrentandis
suitableforautomatedpickandplaceoperation.
Feature
Advantages
Extremelywideband:
10 MHz to 10 GHz
BroadbandwidthenablesbiasingofwidebandMMICamplifiersorotheractivecircuitsstarting
atextremelylowfrequenciesthroughmicrowavebands.
DCCurrent,200mA
AbletosupportmostClass-AMMICamplifierswithaP1dBofupto22dBmneedlessthan
200mA.
LowInsertionLoss:
0.2dBtyp.To3GHz
0.5dBtyp.to5GHz
1.0dBtyp.at10GHz
Whenusedattheoutputoftheamplifiersinatypicalbiasapplication;thelowlossofthe
TCBT-14+exhibitsminimalimpactongainandovertemperatureimprovingreliability.
Excellentmatching:
1:1.1over0.1-4GHz
1.2:1overentireband
ExcellentVSWRofTCBTminimizesinteractioneffectsandresultinggainripple.
UseofTCBT-14+withMini-CircuitsMMICamplifiershasshownperformanceimprovements
overtraditionalL-Cnetworksovertheentireband.
Key Features


Similar Part No. - TCBT-14

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCBT-14 MINI-TCBT-14 Datasheet
407Kb / 3P
   Bias Tee
TCBT-14++ MINI-TCBT-14+ Datasheet
407Kb / 3P
   Bias Tee
TCBT-14R MINI-TCBT-14R Datasheet
392Kb / 3P
   Bias-Tee
TCBT-14R++ MINI-TCBT-14R+ Datasheet
392Kb / 3P
   Bias-Tee
TCBT-14 MINI-TCBT-14_16 Datasheet
407Kb / 3P
   Bias Tee
More results

Similar Description - TCBT-14

ManufacturerPart #DatasheetDescription
logo
Marki Microwave
BT-0034SMG MARKIMICROWAVE-BT-0034SMG Datasheet
197Kb / 2P
   MINIATURE SURFACE-MOUNT BIAS-TEE
BT-0035SMG MARKIMICROWAVE-BT-0035SMG Datasheet
299Kb / 4P
   MINIATURE SURFACE-MOUNT BIAS-TEE
BTL-0026SMG MARKIMICROWAVE-BTL-0026SMG Datasheet
314Kb / 4P
   MINIATURE SURFACE-MOUNT BIAS-TEE
BT-0010SMG MARKIMICROWAVE-BT-0010SMG Datasheet
266Kb / 4P
   MINIATURE SURFACE MOUNT BIAS TEE
BT-0014SMG MARKIMICROWAVE-BT-0014SMG Datasheet
194Kb / 2P
   MINIATURE SURFACE-MOUNT BIAS-TEE
BT-0024SMG MARKIMICROWAVE-BT-0024SMG Datasheet
194Kb / 2P
   MINIATURE SURFACE-MOUNT BIAS-TEE
BTL-0012SMG MARKIMICROWAVE-BTL-0012SMG Datasheet
299Kb / 4P
   MINIATURE SURFACE-MOUNT BIAS-TEE
BT-0026SMG MARKIMICROWAVE-BT-0026SMG Datasheet
285Kb / 4P
   MINIATURE SURFACE MOUNT BIAS TEE
BT-0030SMG MARKIMICROWAVE-BT-0030SMG Datasheet
191Kb / 2P
   MINIATURE SURFACE-MOUNT BIAS-TEE
BTL-0035SMG MARKIMICROWAVE-BTL-0035SMG Datasheet
298Kb / 4P
   MINIATURE SURFACE-MOUNT BIAS-TEE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com