Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2315227 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 2315227
Description  VIP-2/SC/FLK50/PLC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2315227 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  2315227 Datasheet HTML 1Page - PHOENIX CONTACT 2315227 Datasheet HTML 2Page - PHOENIX CONTACT 2315227 Datasheet HTML 3Page - PHOENIX CONTACT 2315227 Datasheet HTML 4Page - PHOENIX CONTACT 2315227 Datasheet HTML 5Page - PHOENIX CONTACT 2315227 Datasheet HTML 6Page - PHOENIX CONTACT 2315227 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VIP-2/SC/FLK50/PLC Order No.: 2315227
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2315227
PHOENIX CONTACT Deutschland GmbH
Page 2 / 7
http://www.phoenixcontact.de
Mar 15, 2010
Width
106.1 mm
Height
56 mm
Depth
65.5 mm
Status display
No
Ambient temperature (operation)
-20 °C ... 50 °C
Ambient temperature (storage/transport)
-20 °C ... 70 °C
Mounting position
Any
Standards/regulations
IEC 60664
DIN EN 50178
IEC 62103
Pollution degree
2
Surge voltage category
II
Connection data
Connection 1
Field level
Connection in acc. with standard
IEC / EN
Type of connection
Screw connection
Conductor cross section solid min.
0.2 mm²
Conductor cross section solid max.
4 mm²
Conductor cross section stranded min.
0.2 mm²
Conductor cross section stranded max.
2.5 mm²
Conductor cross section AWG/kcmil min.
24
Conductor cross section AWG/kcmil max
12
Stripping length
8 mm
Screw thread
M 3
Connection 2
Control system level
Number of connections
1
Type of connection
Flat-ribbon cable plug connector in acc. with IEC 60603-13
Number of positions
50
Certificates / Approvals
Certification
CSA, CUL, UL


Similar Part No. - 2315227

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2315227 PHOENIX-2315227 Datasheet
210Kb / 3P
   VARIOFACE Professional for system cabling applications
2014-08-08
More results

Similar Description - 2315227

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2322252 PHOENIX-2322252 Datasheet
125Kb / 4P
   VIP-2/SC/FLK50/LED/PLC
2322317 PHOENIX-2322317 Datasheet
124Kb / 4P
   VIP-2/SC/FLK50/AB-1756
2900463 PHOENIX-2900463 Datasheet
63Kb / 4P
   Passive module - VIP-2/SC/FLK50
2903803 PHOENIX-2903803 Datasheet
61Kb / 4P
   Passive module - VIP-2/PT/FLK50/PLC
2315081 PHOENIX-2315081 Datasheet
139Kb / 7P
   VIP-3/SC/FLK50
2315214 PHOENIX-2315214 Datasheet
136Kb / 7P
   VIP-2/SC/FLK14/PLC
2315243 PHOENIX-2315243 Datasheet
146Kb / 7P
   VIP-2/SC/FLK50 (1-40) /S7
2322294 PHOENIX-2322294 Datasheet
118Kb / 4P
   VIP-2/SC/FLK14/8P/PLC
2322320 PHOENIX-2322320 Datasheet
70Kb / 4P
   Passive module - VIP-2/SC/FLK50/16/SLC500
2322249 PHOENIX-2322249 Datasheet
119Kb / 4P
   VIP-2/SC/FLK14/LED/PLC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com