Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2315230 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 2315230
Description  VIP-2/SC/2FLK14 (1-20) /S7
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2315230 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  2315230 Datasheet HTML 1Page - PHOENIX CONTACT 2315230 Datasheet HTML 2Page - PHOENIX CONTACT 2315230 Datasheet HTML 3Page - PHOENIX CONTACT 2315230 Datasheet HTML 4Page - PHOENIX CONTACT 2315230 Datasheet HTML 5Page - PHOENIX CONTACT 2315230 Datasheet HTML 6Page - PHOENIX CONTACT 2315230 Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VIP-2/SC/2FLK14 (1-20) /S7 Order No.: 2315230
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2315230
PHOENIX CONTACT Inc., USA
Page 5 / 7
http://www.phoenixcon.com
Dec 15, 2010
2305981
FLK 14/EZ-DR/HF/ 200/
KONFEK
Assembled halogen-free round cable, with two 14-pos. socket
strips (1:1 connection), to transfer 8 channels, for example.
Halogen-free refers exclusively to the 14-pos. cable. Length of
cable: 2 m
2305994
FLK 14/EZ-DR/HF/ 250/
KONFEK
Assembled halogen-free round cable, with two 14-pos. socket
strips (1:1 connection), to transfer 8 channels, for example.
Halogen-free refers exclusively to the 14-pos. cable. Length of
cable: 2.5 m
2304759
FLK 14/EZ-DR/HF/ 300/
KONFEK
Assembled halogen-free round cable, with two 14-pos. socket
strips (1:1 connection), to transfer 8 channels, for example.
Halogen-free refers exclusively to the 14-pos. cable.Length of
cable: 3 m
2304762
FLK 14/EZ-DR/HF/ 400/
KONFEK
Assembled halogen-free round cable, with two 14-pos. socket
strips (1:1 connection), to transfer 8 channels, for example.
Halogen-free refers exclusively to the 14-pos. cable.Length of
cable: 4 m
2304717
FLK 14/EZ-DR/HF/ 500/
KONFEK
Assembled halogen-free round cable, with two 14-pos. socket
strips (1:1 connection), to transfer 8 channels, for example.
Halogen-free refers exclusively to the 14-pos. cable.Length of
cable: 5 m
2306003
FLK 14/EZ-DR/HF/ 600/
KONFEK
Assembled halogen-free round cable, with two 14-pos. socket
strips (1:1 connection), to transfer 8 channels, for example.
Halogen-free refers exclusively to the 14-pos. cable.Length of
cable: 6 m
2314011
FLK 14/EZ-DR/HF/ 700/
KONFEK
Assembled halogen-free round cable, with two 14-pos. socket
strips (1:1 connection), to transfer 8 channels, for example.
Halogen-free refers exclusively to the 14-pos. cable.Length of
cable: 7 m
2314024
FLK 14/EZ-DR/HF/ 800/
KONFEK
Assembled halogen-free round cable, with two 14-pos. socket
strips (1:1 connection), to transfer 8 channels, for example.
Halogen-free refers exclusively to the 14-pos. cable.Length of
cable: 8 m
2314037
FLK 14/EZ-DR/HF/1000/
KONFEK
Assembled halogen-free round cable, with two 14-pos. socket
strips (1:1 connection), to transfer 8 channels, for example.
Halogen-free refers exclusively to the 14-pos. cable.Length of
cable: 10 m
2295046
FLK EZ-DR-S.../.../...
Round cable, with preassembly, shielded, variable cable length
2295059
FLK EZ-DR.../.../...
Round cable, with preassembly, not shielded, variable cable
length
General
5147777
BLUEMARK X1
Printers with UV technology for printing plastic labels in UniCard
format.
Marking
0818111
UC-TM 4
UniCard sheets, for labeling terminal blocks using a Zack marker
strip groove, 120-section, can be labeled with BLUEMARK X1 and
CMS-P1-PLOTTER, color: White


Similar Part No. - 2315230

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2315230 PHOENIX-2315230 Datasheet
210Kb / 3P
   VARIOFACE Professional for system cabling applications
2014-08-08
More results

Similar Description - 2315230

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2315243 PHOENIX-2315243 Datasheet
146Kb / 7P
   VIP-2/SC/FLK50 (1-40) /S7
2322333 PHOENIX-2322333 Datasheet
119Kb / 4P
   VIP-2/SC/2FLK14/AB-1756
2322359 PHOENIX-2322359 Datasheet
60Kb / 3P
   Passive module - VIP-2/SC/FLK50/S7/A-S400
2908465 PHOENIX-2908465 Datasheet
190Kb / 15P
   Passive module - VIP-3/PT/2FLK14/AN/2P/S7-1500A
2315023 PHOENIX-2315023 Datasheet
137Kb / 7P
   VIP-2/SC/FLK14
2315010 PHOENIX-2315010 Datasheet
128Kb / 5P
   VIP-2/SC/FLK10
2315036 PHOENIX-2315036 Datasheet
131Kb / 6P
   VIP-2/SC/FLK16
2965143 PHOENIX-2965143 Datasheet
119Kb / 4P
   UM 45- 2FLK14/S7
2315049 PHOENIX-2315049 Datasheet
130Kb / 6P
   VIP-2/SC/FLK20
2322074 PHOENIX-2322074 Datasheet
116Kb / 5P
   VIP-2/SC/FLK20/LED
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com