Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2322197 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2322197
Description  VIP-2/SC/D 9SUB/F/LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2322197 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2322197 Datasheet HTML 1Page - PHOENIX CONTACT 2322197 Datasheet HTML 2Page - PHOENIX CONTACT 2322197 Datasheet HTML 3Page - PHOENIX CONTACT 2322197 Datasheet HTML 4Page - PHOENIX CONTACT 2322197 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Dec 15, 2010
Extract from the online
catalog
 
VIP-2/SC/D 9SUB/F/LED
Order No.: 2322197
The illustration shows a 15-position version with female insert
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2322197
 
 
VARIOFACE module, with screw connection and D-Subminiature
socket strip, for mounting on NS 35/7.5 or NS 32, with LED, 9-pos.
 
Commercial data
GTIN (EAN)
4046356451819
sales group
I501
Pack
1 pcs.
Customs tariff
85369010
Weight/Piece
0.092 KG
Catalog page information
Page 285 (IF-2009)
Product notes
WEEE/RoHS-compliant since:
06/03/2009
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General data
Nominal voltage UN
24 V DC
Max. current carrying capacity per branch
2.5 A
Number of positions
9
Width
34.7 mm


Similar Part No. - 2322197

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
232219314XXX ETC2-232219314XXX Datasheet
806Kb / 13P
   POWER RESISTOR
23221961XXXX ETC2-23221961XXXX Datasheet
806Kb / 13P
   POWER RESISTOR
More results

Similar Description - 2322197

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2315162 PHOENIX-2315162 Datasheet
110Kb / 5P
   VIP-2/SC/D 9SUB/F
2322142 PHOENIX-2322142 Datasheet
182Kb / 5P
   VIP-2/SC/D 9SUB/M/LED
2315117 PHOENIX-2315117 Datasheet
131Kb / 5P
   VIP-2/SC/D 9SUB/M
2904263 PHOENIX-2904263 Datasheet
70Kb / 6P
   Interface module - VIP-2/PT/D 9SUB/F/LED
2903778 PHOENIX-2903778 Datasheet
107Kb / 9P
   Interface module - VIP-2/PT/D 9SUB/F
2904258 PHOENIX-2904258 Datasheet
70Kb / 6P
   Interface module - VIP-2/PT/D 9SUB/M/LED
2322401 PHOENIX-2322401 Datasheet
133Kb / 4P
   VIP-2/SC/HD15SUB/F
2315175 PHOENIX-2315175 Datasheet
111Kb / 5P
   VIP-2/SC/D15SUB/F
2322223 PHOENIX-2322223 Datasheet
184Kb / 5P
   VIP-3/SC/D37SUB/F/LED
2322236 PHOENIX-2322236 Datasheet
184Kb / 5P
   VIP-3/SC/D50SUB/F/LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com