Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZVN4206G Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZVN4206G
Description  SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZVN4206G Datasheet(HTML) 2 Page - Diodes Incorporated

  ZVN4206G Datasheet HTML 1Page - Diodes Incorporated ZVN4206G Datasheet HTML 2Page - Diodes Incorporated ZVN4206G Datasheet HTML 3Page - Diodes Incorporated ZVN4206G Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SOT223 N-CHANNEL ENHANCEMENT
MODE VERTICAL DMOS FET
ISSUE 3 - JANUARY 1996
7
FEATURES
*
Compact geometry
*
Fast switching speeds
*
No secondary breakdown and Excellent temperature stability
*
High input impedance and low current drive
*
Ease of parralleling
APPLICATIONS
*
DC-DC converters
*
Solenoid / relay drivers for automotive applications
*
Stepper motor drivers and Print head drivers
PARTMARKING DETAIL -
ZVN4206
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Drain-Source Voltage
VDS
60
V
Continuous Drain Current at Tamb=25°C
ID
1A
Pulsed Drain Current
IDM
8A
Gate-Source Voltage
VGS
± 20
V
Power Dissipation at Tamb=25°C
Ptot
2W
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ZVN4206G
ZVN4206G
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
MAX.
UNIT CONDITIONS.
Drain-Source Breakdown Voltage BVDSS
60
V
ID=1mA, VGS=0V
Gate-Source Threshold Voltage
VGS(th)
1.3
3
V
I
D
=1mA, VDS= VGS
Gate-Body Leakage
IGSS
100
nA
VGS=± 20V, VDS=0V
Zero Gate Voltage Drain Current
IDSS
10
100
µA
µA
VDS=60V, VGS=0V
VDS=48V, VGS=0V, T=125°C(2)
On-State Drain Current (1)
ID(on)
3A
VDS=25V, VGS=10V
Static Drain-Source On-State
Resistance (1)
RDS(on)
1
1.5
VGS=10V, ID=1.5A
VGS=5V, ID=0.5A
Forward Transconductance (1)(2) gfs
300
mS
VDS=25V,ID=1.5A
Input Capacitance (2)
Ciss
100
pF
Common Source Output
Capacitance (2)
Coss
60
pF
VDS=25V, VGS=0V, f=1MHz
Reverse Transfer Capacitance (2)
Crss
20
pF
Turn-On Delay Time (2)(3)
td(on)
8ns
VDD≈25V, ID=1.5A, VGEN =10V
Rise Time (2)(3)
tr
12
ns
Turn-Off Delay Time (2)(3)
td(off)
12
ns
Fall Time (2)(3)
tf
15
ns
(1) Measured under pulsed conditions. Width=300
µs. Duty cycle ≤2%
(2) Sample test.
(3) Switching times measured with 50
Ω source impedance and <5ns rise time on a pulse generator
D
D
S
G
3 - 402
3 - 401


Similar Part No. - ZVN4206G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN4206G ZETEX-ZVN4206G Datasheet
45Kb / 4P
   N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN4206GTA DIODES-ZVN4206GTA Datasheet
58Kb / 4P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4206GTA DIODES-ZVN4206GTA Datasheet
801Kb / 6P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4206GTC DIODES-ZVN4206GTC Datasheet
801Kb / 6P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Zetex Semiconductors
ZVN4206GV ZETEX-ZVN4206GV Datasheet
78Kb / 4P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results

Similar Description - ZVN4206G

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZVN4306GV ZETEX-ZVN4306GV Datasheet
118Kb / 4P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
logo
Diodes Incorporated
ZVN2106G DIODES-ZVN2106G Datasheet
41Kb / 2P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4424G DIODES-ZVN4424G Datasheet
344Kb / 4P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2110G DIODES-ZVN2110G Datasheet
54Kb / 3P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210G DIODES-ZVN4210G Datasheet
48Kb / 3P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4206GV DIODES-ZVN4206GV Datasheet
86Kb / 4P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4206GV DIODES-ZVN4206GV_15 Datasheet
682Kb / 6P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN2120GTA DIODES-ZVN2120GTA Datasheet
51Kb / 3P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4206GTA DIODES-ZVN4206GTA Datasheet
58Kb / 4P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
ZVN4210G DIODES-ZVN4210G_15 Datasheet
467Kb / 5P
   SOT223 N-CHANNEL ENHANCEMENT MODE VERTICAL DMOS FET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com