Electronic Components Datasheet Search |
|
ZVN4525GTC Datasheet(PDF) 4 Page - Diodes Incorporated |
|
ZVN4525GTC Datasheet(HTML) 4 Page - Diodes Incorporated |
4 / 8 page ISSUE 1 - MARCH 2001 ZVN4525G 4 ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated). PARAMETER SYMBOL MIN. TYP. MAX. UNI T CONDITIONS. STATIC Drain-Source Breakdown Voltage V (BR)DSS 250 285 V I D=1mA, VGS=0V Zero Gate Voltage Drain Current I DSS 35 500 nA V DS=250V, VGS=0V Gate-Body Leakage I GSS ±1 ±100 nA V GS=±40V, VDS=0V Gate-Source Threshold Voltage V GS(th) 0.8 1.4 1.8 V I D =1mA, V DS=VGS Static Drain-Source On-State Resistance (1) R DS(on) 5.6 5.9 6.4 8.5 9.0 9.5 Ω Ω Ω V GS=10V, ID=500mA V GS=4.5V, ID=360mA V GS=2.4V, ID=20mA Forward Transconductance (3) g fs 0.3 0.475 S V DS=10V,ID=0.3A DYNAMIC (3) Input Capacitance C iss 72 pF V DS=25V,VGS=0V, f=1MHz Output Capacitance C oss 11 pF Reverse Transfer Capacitance C rss 3.6 pF SWITCHING(2) (3) Turn-On Delay Time t d(on) 1.25 ns V DD =30V, ID=360mA R G=50Ω,VGS =10V (refer to test circuit) Rise Time t r 1.70 ns Turn-Off Delay Time t d(off) 11.40 ns Fall Time t f 3.50 ns Total Gate Charge Q g 2.6 3.65 nC V DS=25V,VGS=10V, ID=360mA(refer to test circuit) Gate-Source Charge Q gs 0.2 0.28 nC Gate Drain Charge Q gd 0.5 0.70 nC SOURCE-DRAIN DIODE Diode Forward Voltage (1) V SD 0.97 V T j=25°C, IS=360mA, V GS=0V Reverse Recovery Time (3) t rr 186 260 ns T j=25°C, IF=360mA, di/dt= 100A/ µs Reverse Recovery Charge (3) Q rr 34 48 nC (1) Measured under pulsed conditions. Width=300 µs. Duty cycle ≤ 2% . (2) Switching characteristics are independent of operating junction temperature. (3) For design aid only, not subject to production testing. |
Similar Part No. - ZVN4525GTC |
|
Similar Description - ZVN4525GTC |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |